Electronic Components Datasheet Search
  English  ▼

X  

AOW418 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOW418
Description  100V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW418 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOW418 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW418 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW418 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW418 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW418 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW418 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOW418 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AOW418
Symbol
Min
Typ
Max
Units
BVDSS
100
V
VDS=100V, VGS=0V
10
TJ=55°C
50
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
2.6
3.3
3.9
V
ID(ON)
280
A
8.2
10
TJ=125°C
15
18
9.1
12
m
Ω
gFS
50
S
VSD
0.67
1
V
IS
105
A
Ciss
3460
4334
5200
pF
Coss
265
382
500
pF
Crss
78
131
185
pF
Rg
0.2
0.45
0.7
Ω
Qg(10V)
55
69
83
nC
Qgs
16
20
24
nC
Qgd
13
22
31
nC
tD(on)
21
ns
tr
15
ns
tD(off)
38
ns
tf
12
ns
trr
19
27
35
ns
Qrr
90
129
170
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
Maximum Body-Diode Continuous Current
G
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=50V, RL=2.5Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=50V, ID=20A
Gate Source Charge
Gate Drain Charge
m
Ω
IS=1A,VGS=0V
VDS=5V, ID=20A
VGS=7V, ID=20A
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
IDSS
µA
VDS=VGS ID=250µA
VDS=0V, VGS= ±25V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=20A
Reverse Transfer Capacitance
IF=20A, dI/dt=500A/µs
VGS=0V, VDS=50V, f=1MHz
SWITCHING PARAMETERS
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation PDSM is based on R θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends on
the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C. Ratings are based on low frequency and duty cycles to keep initial
TJ =25°C.
D. The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=175°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev0: July 2010
www.aosmd.com
Page 2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com