Electronic Components Datasheet Search
  English  ▼

X  

AOW480 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOW480
Description  80V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW480 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOW480 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW480 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW480 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW480 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW480 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW480 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOW480 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AOW480
Symbol
Min
Typ
Max
Units
BVDSS
80
V
VDS=80V, VGS=0V
10
TJ=55°C
50
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
2
2.8
4
V
ID(ON)
500
A
3.7
4.5
TJ=125°C
6.1
7.3
4.2
5.5
m
Ω
gFS
60
S
VSD
0.6
1
V
IS
180
A
Ciss
5200
6520
7820
pF
Coss
570
810
1060
pF
Crss
185
310
430
pF
Rg
0.3
0.64
1
Ω
Qg(10V)
92
116
140
nC
Qgs
24
30
36
nC
Qgd
23
38
53
nC
tD(on)
31.5
ns
t
33
ns
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
V
=10V, V =40V, R =2
Ω,
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
VGS=10V, VDS=40V, ID=20A
Gate Source Charge
RDS(ON)
m
Ω
IS=1A,VGS=0V
VDS=5V, ID=20A
VGS=7V, ID=20A
Diode Forward Voltage
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Zero Gate Voltage Drain Current
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=20A
Reverse Transfer Capacitance
VGS=0V, VDS=40V, f=1MHz
SWITCHING PARAMETERS
VDS=5V ,ID=250µA
VDS=0V, VGS= ±25V
Gate-Body leakage current
Forward Transconductance
Static Drain-Source On-Resistance
Gate Drain Charge
tr
33
ns
tD(off)
46
ns
tf
17.5
ns
trr
20
28
36
ns
Qrr
90
132
170
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=40V, RL=2Ω,
RGEN=3Ω
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=20A, dI/dt=500A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation P
D is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=175°C. Ratings are based on low frequency and duty cycles to keep
initial T
J =25°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of T
J(MAX)=175°C. The SOA curve provides a single pulse rating.
G. The maximum current is package limited .
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev0: July 2011
www.aosmd.com
Page 2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com