Electronic Components Datasheet Search
  English  ▼

X  

SB340ESH Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # SB340ESH
Description  Power Schottky Rectifier - 3Amp 40~200Volt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB340ESH Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  SB340ESH Datasheet HTML 1Page - Sirectifier Global Corp. SB340ESH Datasheet HTML 2Page - Sirectifier Global Corp. SB340ESH Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
http:// www.sirectsemi.com
0
1
3
175
AMBIENT TEMPERATURE (ºC)
Figure 1. Forward Current Derating Curve
2
150
125
100
75
50
25
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
40
100
60
80
20
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
0.001
0.01
0.1
1
10
100
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
SB34
0ESH
– SB
360E
SH
SB31
00ES
H –
SB32
00ES
H
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1.0
10
100
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
4
10
100
10
100
1000
TJ = 25ºC
f = 1MHz
SB340ESH ~ SB3200ESH
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com …Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com