Electronic Components Datasheet Search
  English  ▼

X  

ADM697AN Datasheet(PDF) 8 Page - Analog Devices

Part # ADM697AN
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM697AN Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM697AN Datasheet HTML 4Page - Analog Devices ADM697AN Datasheet HTML 5Page - Analog Devices ADM697AN Datasheet HTML 6Page - Analog Devices ADM697AN Datasheet HTML 7Page - Analog Devices ADM697AN Datasheet HTML 8Page - Analog Devices ADM697AN Datasheet HTML 9Page - Analog Devices ADM697AN Datasheet HTML 10Page - Analog Devices ADM697AN Datasheet HTML 11Page - Analog Devices ADM697AN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM696/ADM697–Typical Performance Curves
REV. 0
–8–
5.00
4.80
0
100
4.95
4.85
20
4.90
80
60
40
VCC = +5V
TA = +25°C
SLOPE = 1.5Ω
IOUT – mA
Figure 8. VOUT vs. IOUT Normal Operation
2.80
2.76
0
1000
2.79
2.77
200
2.78
800
600
400
IOUT – µA
SLOPE = 20Ω
VCC = 0V
VBATT = +2.8V
TA = +25°C
Figure 9. VOUT vs. Battery Backup
1.303
1.299
20
120
1.302
1.300
40
1.301
100
80
60
TEMPERATURE –
°C
Figure 10. PFI Input Threshold vs. Temperature
53
49
20
120
52
50
40
51
100
80
60
VCC = +5V
TEMPERATURE –
°C
Figure 11. RESET Active Time vs. Temperature
10
90
100
0%
1V
A4
500ms
3.36 V
1V
Figure 12. RESET Output Voltage vs. Supply Voltage
5.5
3.0
2.0
10
100
10000
1000
4.5
2.5
3.5
4.0
5.0
TIME DELAY – ms
TA = +25°C
Figure 13. RESET Timeout Delay vs. VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com