Electronic Components Datasheet Search
  English  ▼

X  

SB1045 Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # SB1045
Description  Power Schottky Rectifier - 10Amp 45~200Volt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB1045 Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  SB1045 Datasheet HTML 1Page - Sirectifier Global Corp. SB1045 Datasheet HTML 2Page - Sirectifier Global Corp. SB1045 Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 10Amp 45~200Volt
□
Features
-Low forward voltage drop
-High current capability
-High reliability
-High surge current capability
-Epitaxial construction
□
Mechanical data
-Case
:Molded plastic
-Epoxy
:UL 94V-0 rate flame retardant
-Lead
:Axial leads, solderable per MIL-STD-202,method 208 guaranteed
-Polarity
:Color band denotes cathode end
-Mounting position
:Any
-Weight
:1.2 grams
□
Maximum ratings and Electrical characteristics
Parameters
SB1045
SB1060
SB10100
SB10150
SB10200
UNIT
Maximum Recurrent Peak Reverse Voltage
45
60
100
150
200
V
Maximum RMS Voltage
32
42
70
105
140
V
Maximum DC Blocking Voltage
45
60
100
150
200
V
Maximum Average Forward Rectified Current
10
A
Peak Forward Surge Current
120
A
Tc = 25ºC
0.60
0.70
0.82
0.88
0.90
Maximum Instantaneous Forward
Voltage at 10A
Tc = 125ºC
0.48
0.55
0.66
0.69
0.72
V
Tc = 25ºC
0.5
0.3
0.05
Maximum Average Reverse Current
at Rated DC Blocking Voltage
Tc = 125ºC
20
15
10
mA
Typical Junction Capacitance
350
pF
Typical Thermal Resistance RθJA
25
ºC/W
Operating and Storage Temperature Range
-50 to +150
-50 to +175
ºC
March 2011 / Rev.6.6
E
L
E
C
T
R
O
N
I
C
SB1045 ~ SB10200


Similar Part No. - SB1045

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1045 WTE-SB1045 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1045 PANJIT-SB1045 Datasheet
52Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB1045 LRC-SB1045 Datasheet
162Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
logo
Diotech Company.
SB1045 DIOTECH-SB1045 Datasheet
682Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
SB1045 FS-SB1045 Datasheet
335Kb / 2P
Photovoltaic Solar cell Protection Schottky Rectifier 45V/10A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB1045

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SB10200FC SIRECT-SB10200FC Datasheet
219Kb / 3P
Power Schottky Rectifier - 10Amp 200Volt
MBR10100D SIRECT-MBR10100D Datasheet
123Kb / 3P
Power Schottky Rectifier - 10Amp 100~200Volt
SB1045FC SIRECT-SB1045FC Datasheet
165Kb / 3P
Power Schottky Rectifier - 10Amp 45~200Volt
SB1545 SIRECT-SB1545 Datasheet
184Kb / 3P
Power Schottky Rectifier - 15Amp 45~200Volt
SB2045R SIRECT-SB2045R Datasheet
184Kb / 3P
Power Schottky Rectifier - 20Amp 45~200Volt
MBR10B200CTH SIRECT-MBR10B200CTH Datasheet
147Kb / 4P
Power Schottky Rectifier - 10Amp 200Volt
MBR10L200CT SIRECT-MBR10L200CT Datasheet
133Kb / 3P
Power Schottky Rectifier - 10Amp 200Volt
MBR10L200CTH SIRECT-MBR10L200CTH Datasheet
132Kb / 3P
Power Schottky Rectifier - 10Amp 200Volt
MBR10200CT SIRECT-MBR10200CT Datasheet
133Kb / 3P
Power Schottky Rectifier - 10Amp 200Volt
logo
Micro Commercial Compon...
MBRD1045CTQ MCC-MBRD1045CTQ Datasheet
534Kb / 3P
10Amp Schottky Barrier Rectifier 45 Volts
Rev.3-1-11012022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com