Electronic Components Datasheet Search
  English  ▼

X  

SB1545 Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # SB1545
Description  Power Schottky Rectifier - 15Amp 45~200Volt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB1545 Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  SB1545 Datasheet HTML 1Page - Sirectifier Global Corp. SB1545 Datasheet HTML 2Page - Sirectifier Global Corp. SB1545 Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 15Amp 45~200Volt
□
Features
-Low forward voltage drop
-High current capability
-High reliability
-High surge current capability
-Epitaxial construction
□
Mechanical data
-Case
:Molded plastic
-Epoxy
:UL 94V-0 rate flame retardant
-Lead
:Axial leads, solderable per MIL-STD-202,method 208 guaranteed
-Polarity
:Color band denotes cathode end
-Mounting position
:Any
-Weight
:1.2 grams
□
Maximum ratings and Electrical characteristics
Parameters
SB1545
SB1560
SB15100
SB15150
SB15200
UNIT
Maximum Recurrent Peak Reverse Voltage
45
60
100
150
200
V
Maximum RMS Voltage
31
42
70
105
140
V
Maximum DC Blocking Voltage
45
60
100
150
200
V
Maximum Average Forward Rectified Current
15
A
Peak Forward Surge Current
130
A
Tc = 25ºC
0.55
0.65
0.82
0.88
0.90
Maximum Instantaneous Forward
Voltage at 15A
Tc = 125ºC
0.44
0.50
0.66
0.69
0.72
V
Tc = 25ºC
0.5
0.05
Maximum Average Reverse Current
at Rated DC Blocking Voltage
Tc = 125ºC
20
10
mA
Typical Junction Capacitance
450
pF
Typical Thermal Resistance RθJA
25
ºC/W
Operating and Storage Temperature Range
-50 to +150
-50 to +175
ºC
March 2011 / Rev.6.6
E
L
E
C
T
R
O
N
I
C
SB1545 ~ SB15200


Similar Part No. - SB1545

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB1545 SEMIKRON-SB1545 Datasheet
161Kb / 3P
Schottky barrier rectifier diodes
logo
Leshan Radio Company
SB1545 LRC-SB1545 Datasheet
356Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
logo
First Silicon Co., Ltd
SB1545 FS-SB1545 Datasheet
307Kb / 2P
45V 15 Amp Shottky Barrier Rectifier
logo
Gulf Semiconductor
SB1545CT GULFSEMI-SB1545CT Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
SB1545FCT GULFSEMI-SB1545FCT Datasheet
129Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A
More results

Similar Description - SB1545

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR20H200CT SIRECT-MBR20H200CT Datasheet
216Kb / 2P
Power Schottky Rectifier - 20Amp 200Volt
MBR30200CT SIRECT-MBR30200CT Datasheet
146Kb / 3P
Power Schottky Rectifier - 30Amp 200Volt
SB10200FC SIRECT-SB10200FC Datasheet
219Kb / 3P
Power Schottky Rectifier - 10Amp 200Volt
SB1045 SIRECT-SB1045 Datasheet
184Kb / 3P
Power Schottky Rectifier - 10Amp 45~200Volt
SB1045FC SIRECT-SB1045FC Datasheet
165Kb / 3P
Power Schottky Rectifier - 10Amp 45~200Volt
SB2045R SIRECT-SB2045R Datasheet
184Kb / 3P
Power Schottky Rectifier - 20Amp 45~200Volt
MBR10B200CTH SIRECT-MBR10B200CTH Datasheet
147Kb / 4P
Power Schottky Rectifier - 10Amp 200Volt
MBR10L200CTH SIRECT-MBR10L200CTH Datasheet
132Kb / 3P
Power Schottky Rectifier - 10Amp 200Volt
MBR30200CT SIRECT-MBR30200CT Datasheet
147Kb / 4P
Power Schottky Rectifier - 30Amp 200Volt
logo
Kersemi Electronic Co.,...
MBR30200FCT KERSEMI-MBR30200FCT Datasheet
1Mb / 4P
Power Schottky Rectifier - 30Amp 200Volt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com