Electronic Components Datasheet Search
  English  ▼

X  

05096 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 05096
Description  Sound, Alarm & Security Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

05096 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  05096 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: 05096
Date:
11/5/2007
Revision Level:
0
6C 18 SOLID BC PVC
Sound, Alarm & Security Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#18 AWG Solid Bare Copper
0.017” Wall Polyvinyl Chloride
0.032” Wall Polyvinyl Chloride
0.0403” nom.
CAROL 18 AWG 6/C CSA LL69381 TYPE LVT FT4
6C @ 4.00" LHL
0.248" nom.
0.074” nom.
0.280" +/- 0.014"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
60C
300V
6.4 Ohms/1000 ft nom
29.75 pF/ft @ 1kHz nom
72.3 Ohms @ 1MHz nom
Canadian Standards Association
Type LVT
1
2
3
4
5
6
White
Red
Green
Blue
Yellow
Brown
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - 05096

ManufacturerPart #DatasheetDescription
logo
ABB
05096 ABB-05096 Datasheet
460Kb / 8P
ABB wiring ducts Allied to your business
01/08
logo
General Cable Technolog...
05096.15.08 GENERAL-05096.15.08 Datasheet
88Kb / 1P
60쨘C 30 Volt CSA Type LVT
More results

Similar Description - 05096

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
05093 GENERAL-05093 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
05481 GENERAL-05481 Datasheet
74Kb / 1P
Sound, Alarm & Security Cable
05485 GENERAL-05485 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
05487 GENERAL-05487 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
05783 GENERAL-05783 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
05784 GENERAL-05784 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
05786 GENERAL-05786 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
238071801 GENERAL-238071801 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
238101801 GENERAL-238101801 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
C1119 GENERAL-C1119 Datasheet
73Kb / 1P
Sound, Alarm & Security Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com