Electronic Components Datasheet Search
  English  ▼

X  

ADM800LAN Datasheet(PDF) 9 Page - Analog Devices

Part # ADM800LAN
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM800LAN Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM800LAN Datasheet HTML 4Page - Analog Devices ADM800LAN Datasheet HTML 5Page - Analog Devices ADM800LAN Datasheet HTML 6Page - Analog Devices ADM800LAN Datasheet HTML 7Page - Analog Devices ADM800LAN Datasheet HTML 8Page - Analog Devices ADM800LAN Datasheet HTML 9Page - Analog Devices ADM800LAN Datasheet HTML 10Page - Analog Devices ADM800LAN Datasheet HTML 11Page - Analog Devices ADM800LAN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADM691A/ADM693A/ADM800L/M
–9–
REV. 0
7
OSC SEL
OSC IN
8
ADM69_A
ADM800_
COSC
Figure 18d. Internal Oscillator (100 ms Watchdog)
WDI
WDO
t
1
RESET
t
1 = RESET TIME.
t
2 = NORMAL (SHORT) WATCHDOG TIMEOUT PERIOD.
t
3 = WATCHDOG TIMEOUT PERIOD IMMEDIATELY FOLLOWING A RESET.
t
1
t
1
t
2
t
3
Figure 19. Watchdog Timing
CE Gating and RAM Write Protection
All products include memory protection circuitry which ensures
the integrity of data in memory by preventing write operations
when VCC is at an invalid level. There are two additional pins,
CEIN and CEOUT, that control the Chip Enable or Write inputs
of CMOS RAM. When VCC is present, CEOUT is a buffered rep-
lica of CEIN, with a 5 ns propagation delay. When VCC falls be-
low the reset voltage threshold, an internal gate forces CEOUT
high, independent of CEIN.
CEOUT typically drives the CE, CS, or Write input of battery
backed up CMOS RAM. This ensures the integrity of the data
in memory by preventing write operations when VCC is at an in-
valid level. Similar protection of EEPROMs can be achieved by
using the CEOUT to drive the Store or Write inputs of an
EEPROM, EAROM, or NOVRAM.
Power Fail Warning Comparator
An additional comparator is provided for early warning of fail-
ure in the microprocessor’s power supply. The Power Fail Input
(PFI) is compared to an internal +1.25 V reference. The Power
Fail Output (PFO) goes low when the voltage at PFI is less than
1.3 V. Typically PFI is driven by an external voltage divider that
senses either the unregulated dc input to the system’s 5 V regu-
lator or the regulated 5 V output. The voltage divider ratio can
be chosen such that the voltage at PFI falls below 1.25 V several
milliseconds before the +5 V power supply falls below the reset
threshold. PFO is normally used to interrupt the microprocessor
so that data can be stored in RAM and the shut- down proce-
dure executed before power is lost.
R2
PFO
1.25V
POWER
FAIL
INPUT
POWER
FAIL
OUTPUT
R1
INPUT
POWER
Figure 20. Power Fail Comparator
Table III. Input and Output Status in Battery Backup Mode
Signal
Status
VBATT
Supply Current is <1
µA.
VOUT
VOUT is connected to VBATT via an internal
PMOS switch.
VCC
Switchover comparator monitors VCC for
active switchover.
GND
0 V.
BATT ON
Logic High. The open circuit voltage is equal
to VOUT.
LOW LINE
Logic Low.
OSC IN
OSC IN is ignored.
OSC SEL
OSC SEL is ignored.
PFI
The Power Fail Comparator remains active in
the battery-backup mode for VCC ≥ VBATT
–1.2 V. With VCC lower than this, PFO is
forced low.
PFO
The Power Fail Comparator remains active in
the battery-backup mode for VCC
≥ V
BATT
–1.2 V. With VCC lower than this, PFO is
forced low.
WDI
WDI is ignored.
CEOUT
Logic High. The open circuit voltage is equal
to VOUT.
CEIN
High Impedance.
WDO
Logic High. The open circuit voltage is equal
to VOUT.
RESET
Logic Low.
RESET
High Impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com