Electronic Components Datasheet Search
  English  ▼

X  

ADM8698 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM8698
Description  Microprocessor Supervisory Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8698 Datasheet(HTML) 4 Page - Analog Devices

  ADM8698 Datasheet HTML 1Page - Analog Devices ADM8698 Datasheet HTML 2Page - Analog Devices ADM8698 Datasheet HTML 3Page - Analog Devices ADM8698 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ADM8698/ADM8699
REV. 0
–4–
CIRCUIT INFORMATION
Power Fail RESET
A precision voltage detector monitors VCC and generates a
RESET output to hold the microprocessor’s Reset line low when
VCC falls below the reset threshold 4.65 V (see Figure 4). The
reset voltage threshold is set to accommodate a 5% variation on
VCC. The voltage detector has 40 mV hysteresis to ensure that
glitches on VCC do not activate the RESET output.
On power-up, an internal monostable holds
RESET low for
140 ms after VCC rises above the reset threshold. This allows the
power supply to stabilize on power-up and also prevents repeated
toggling of
RESET even if the 5 V power drops out and recovers
with each power line cycle. In order to prevent mistriggering
due to transient voltage spikes, it is recommended that a 0.1
µF
capacitor be connected at the VCC pin.
The
RESET output is guaranteed to remain low with VCC, as
low as 1 V. This holds the microprocessor in a stable shutdown
condition as the power supply comes up.
On the 16-lead SOIC package, an active high RESET output is
also provided. This is the complement of
RESET and is in-
tended for microprocessors requiring an active high signal.
V
2
V
2
V
1
V
1
V
CC
RESET
V
1 = RESET VOLTAGE THRESHOLD
V
2 = RESET VOLTAGE THRESHOLD +
THRESHOLD HYSTERESIS
t
1 = RESET TIME
t
1
t
1
Figure 4. Watchdog Timeout Period vs. Temperature
Watchdog Timer (ADM8699 Only)
The watchdog timer input (WDI) monitors an I/O line from the
µP system. The µP must toggle this input once every 1.6 sec-
onds to verify correct software execution. Failure to toggle the
line indicates that the
µP system is not correctly executing its
program and may be tied up in an endless loop. If this happens,
a reset pulse is generated to initialize the processor.
The WDI input is a three level input and will recognize a low-
to-high or high-to-low transition on its input. The watchdog
timer is reset by each WDI transition and then begins its timeout
period. If the WDI pin remains either high or low, reset pulses
will be issued every 1.6 seconds typically. If the watchdog timer
is not needed, the WDI input should be left floating.
The Watchdog Output (
WDO) (SOIC package Only) provides
watchdog status information. It is driven low if WDI is not
toggled within the watchdog timeout period. It goes high at the
next WDI transition. It is also set high when VCC falls below the
reset threshold.
t1 = RESET TIME
t2 = WATCHDOG TIME OUT PERIOD
t1
t1
WDI
RESET
t1
WDO
t2
t2
Figure 5. Watchdog Timeout Period and Reset Active Time
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Plastic DIP (N-8)
8-Pin SOIC (R-8)
16-Lead SOIC (R-16)
PIN 1
SEATING
PLANE
0.430 (10.92)
MAX
14
5
8
0.018 (0.46)
0.033 (0.84)
0.1 (2.54)
BSC
0.125
(3.18)
MIN
0.035
(0.89)
0.18 (4.57)
0.25
(6.35)
0.31
(7.87)
0.011
(0.28)
0.18
(4.57)
MAX
0.3 (7.62)
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.1574 (4.00)
0.1497 (3.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.102 (2.59)
0.094 (2.39)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
0.019 (0.49)
0.05 (1.27)
REF
0.104
(2.65)
0.012
(0.3)
0.413 (10.50)
0.419
(10.65)
0.299
(7.60)
1
8
9
16
0.042
(1.07)
0.013
(0.32)
0.030
(0.75)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com