Electronic Components Datasheet Search
  English  ▼

X  

92612A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 92612A
Description  COMMUNICATION & CONTROL CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

92612A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  92612A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A.
B.
C.
D.
Jacket:
Print Legend:
Temperature:
Suggested Working Voltage:
Conductor DCR:
Product Data Sheet
INDUSTRY APPROVALS
ELECTRICAL PROPERTIES
Part Number:
CONSTRUCTION
Article 800
Type CM
92612A
National Electrical Code
UL Standard 444
#22 AWG (7/30) Tinned Copper
.024" Wall, Polyethylene (PE)
2C @ 2.25" LHL
Aluminum/Polyester Tape (Foil Out) with 22 awg (7/30) Drain
Wire
.037" Wall, Polyvinyl Chloride (PVC)
Conductor:
COLOR CODE
COLOR
5/2/2012
CAROL (R) 22 AWG -- 92612A -- 75C E105765-H CM(UL)
C(UL) -- MADE IN USA
(Date code) (Sequential footage) (Printed every 2ft)
.255" Nom
DIAMETERS
.029" Nom
.077" Nom
2C 22 AWG (7/30)TC PE OAS 65% BRAID PVC
COMMUNICATION & CONTROL CABLE
Revision:
.159" Nom
Insulation:
Cable:
Shield:
Braid:
65% Tinned Copper Braid
BLUE with WHITE stripe
16.0 pF/ft. @ 1 kHz (nom)
CM: 75C
300V
16.9 Ohms/1000 ft @ 20°C (nom)
Pair
1
Mutual Capacitance:
COLOR
WHITE with BLUE stripe
Note: Data subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - 92612A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9261 BELDEN-9261 Datasheet
169Kb / 2P
Electronic, 12 C #20 Str TC, PVC Ins, OA TC Brd, PVC Jkt, CMG
01-20-2023
9261-060100 BELDEN-9261-060100 Datasheet
169Kb / 2P
Electronic, 12 C #20 Str TC, PVC Ins, OA TC Brd, PVC Jkt, CMG
01-20-2023
9261-0601000 BELDEN-9261-0601000 Datasheet
169Kb / 2P
Electronic, 12 C #20 Str TC, PVC Ins, OA TC Brd, PVC Jkt, CMG
01-20-2023
logo
General Cable Technolog...
92611A GENERAL-92611A Datasheet
60Kb / 1P
COMMUNICATION & CONTROL CABLE
92613A GENERAL-92613A Datasheet
60Kb / 1P
COMMUNICATION & CONTROL CABLE
More results

Similar Description - 92612A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
92611A GENERAL-92611A Datasheet
60Kb / 1P
COMMUNICATION & CONTROL CABLE
92613A GENERAL-92613A Datasheet
60Kb / 1P
COMMUNICATION & CONTROL CABLE
C0432A GENERAL-C0432A Datasheet
58Kb / 1P
COMMUNICATION & CONTROL CABLE
C1350A GENERAL-C1350A Datasheet
73Kb / 1P
COMMUNICATION & CONTROL CABLE
C1676A GENERAL-C1676A Datasheet
58Kb / 1P
COMMUNICATION AND CONTROL CABLE
C2409A GENERAL-C2409A Datasheet
58Kb / 1P
COMMUNICATION & CONTROL CABLE
C2410A GENERAL-C2410A Datasheet
59Kb / 1P
COMMUNICATION & CONTROL CABLE
C2420A GENERAL-C2420A Datasheet
59Kb / 1P
COMMUNICATION & CONTROL CABLE
C2430A GENERAL-C2430A Datasheet
59Kb / 1P
COMMUNICATION & CONTROL CABLE
C2538A GENERAL-C2538A Datasheet
60Kb / 1P
COMMUNICATION & CONTROL CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com