Electronic Components Datasheet Search
  English  ▼

X  

348220 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 348220
Description  INSTRUMENTATION CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

348220 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  348220 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DATA SHEET
Part Number:
348220
Revision Level:
01
Date:
September 15, 2004
6SP 20 7/.0121 BC PVC OAS PVC
INSTRUMENTATION CABLE
A.
CONSTRUCTION
DIAMETERS
1)
CONDUCTOR:
#20 AWG 7/28 Tinned Copper
0.036” nom.
2)
INSULATION:
0.013” Wall Polyvinyl Chloride
0.062” nom.
3)
SUBCABLE:
12 conductors into 6 pairs @ 1.75” LHL with
aluminum/polypropylene tape (foil in) & # 22 AWG 7/30
TC drain wire over each pair.
0.128” nom.
4)
COLOR CODE:
Each pair Black-White with number printed on pair
in format “1-ONE”, “2-TWO” etc
5)
COMMUNICATION
CONDUCTOR:
22 AWG Solid Bare Copper with 0.013” Wall Polyvinyl
Chloride – Orange – Printed “COMMUNICATIONS
WIRE”
0.051” nom.
6)
CABLE:
6 shielded pairs and Communication Conductor @ 3.00”
LHL with aluminum/polypropylene tape (foil out) & #22
AWG 7/30 TC drain wire
0.330” nom.
7)
JACKET:
0.032” Wall Polyvinyl Chloride – Gray
-ripcord under jacket
0.434” +/- 0.022”
8)
PRINT LEGEND:
GENERAL CABLE (R) BICC BRAND (R) –8 PVIC 6SPS 20AWG PVC/PVC
SHIELDED (UL) TYPE PLTC OR ITC 105C SUN RES (DATE CODE & SEQ FT)
B.
INDUSTRY APPROVALS
National Electrical Code
Article 725
UL Standard 13
Type PLTC
UL Subject 2250
TYPE ITC
C.
ELECTRICAL PROPERTIES
1)
TEMPERATURE:
105 C
2)
SUGGESTED WORKING VOLTAGE (Vrms):
300Vrms
3)
CONDUCTOR D.C. RESISTANCE:
9.33 Ohms/1000 ft. nom. @ 20 C
4)
SHIELD RESISTANCE:
6.2 Ohms/1000 ft. nom. @ 20 C
5)
MUTUAL CAPACITANCE:
43 pF/ft. @ 1kHz nom.
6)
GROUND CAPACITANCE:
77 pF/ft. @ 1kHz nom.
7)
CHARACTERISTIC IMPEDANCE:
47 Ohms @ 1 MHz nom.
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
Formatted: Bullets and Numbering
Formatted: Bullets and Numbering
Formatted: Bullets and Numbering


Similar Part No. - 348220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34822-0023 MOLEX11-34822-0023 Datasheet
16Mb / 160P
Automotive Connectors MX123 REC HSG 66CKT KEY A/66 OPT 9
More results

Similar Description - 348220

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
325770 GENERAL-325770 Datasheet
33Kb / 1P
INSTRUMENTATION CABLE
325800 GENERAL-325800 Datasheet
22Kb / 1P
INSTRUMENTATION CABLE
325880 GENERAL-325880 Datasheet
22Kb / 1P
INSTRUMENTATION CABLE
325940 GENERAL-325940 Datasheet
22Kb / 1P
INSTRUMENTATION CABLE
339880 GENERAL-339880 Datasheet
22Kb / 1P
INSTRUMENTATION CABLE
339960 GENERAL-339960 Datasheet
22Kb / 1P
INSTRUMENTATION CABLE
348210 GENERAL-348210 Datasheet
34Kb / 1P
INSTRUMENTATION CABLE
759600 GENERAL-759600 Datasheet
34Kb / 1P
INSTRUMENTATION CABLE
logo
Mini-Circuits
VNAC-2R1-K MINI-VNAC-2R1-K Datasheet
368Kb / 2P
Instrumentation Test Cable
VNAX-2FT-EMERF MINI-VNAX-2FT-EMERF Datasheet
554Kb / 6P
Instrumentation Test Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com