Electronic Components Datasheet Search
  English  ▼

X  

ADM233LAN Datasheet(PDF) 15 Page - Analog Devices

Part # ADM233LAN
Description  5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM233LAN Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM233LAN Datasheet HTML 8Page - Analog Devices ADM233LAN Datasheet HTML 9Page - Analog Devices ADM233LAN Datasheet HTML 10Page - Analog Devices ADM233LAN Datasheet HTML 11Page - Analog Devices ADM233LAN Datasheet HTML 12Page - Analog Devices ADM233LAN Datasheet HTML 13Page - Analog Devices ADM233LAN Datasheet HTML 14Page - Analog Devices ADM233LAN Datasheet HTML 15Page - Analog Devices ADM233LAN Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADM223/ADM230L–ADM241L
–15–
REV. 0
20-Lead Plastic DIP (N-20)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
PIN 1
0.280 (7.11)
0.240 (6.10)
20
1
11
10
0.210
(5.33)
0.200 (5.05)
0.125 (3.18)
0.022 (0.558)
0.014 (0.356)
0.100
(2.54)
BSC
0.070 (1.78)
0.045 (1.15)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
1.060 (26.90)
0.925 (23.50)
20-Lead SOIC (R-20)
PIN 1
0.2992 (7.60)
0.2914 (7.40)
0.4193 (10.65)
0.3937 (10.00)
1
20
11
10
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
°
0
°
0.0291 (0.74)
0.0098 (0.25)
x 45
°
0.5118 (13.00)
0.4961 (12.60)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0118 (0.30)
0.0040 (0.10)
0.1043 (2.65)
0.0926 (2.35)
24-Lead Plastic DIP (N-24)
PIN 1
0.260 ± 0.001
(6.61 ± 0.03)
24
1
13
12
0.32 (8.128)
0.30 (7.62)
0.011 (0.28)
0.009 (0.23)
15
°
0
0.02 (0.5)
0.016 (0.41)
0.130 (3.30)
0.128 (3.25)
0.07 (1.78)
0.05 (1.27)
SEATING
PLANE
1.228 (31.19)
1.226 (31.14)
0.11 (2.79)
0.09 (2.28)
NOTES
1. LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH
2. PLASTIC LEADS WILL BE EITHER SOLDER DIPPED OR TIN PLATED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.
20-Lead Cerdip (Q-20)
0.32 (8.128)
0.29 (7.366)
0.011 (0.28)
0.009 (0.23)
15
°
0
°
PIN 1
0.28 (7.11)
0.24 (6.1)
10
11
1
20
0.97 (24.64)
0.935 (23.75)
0.15 (3.8)
0.125 (3.18)
0.02 (0.5)
0.016 (0.41)
0.07 (1.78)
0.05 (1.27)
0.11 (2.79)
0.09 (2.28)
0.18 (4.57)
0.125 (3.18)
SEATING
PLANE
0.20 (5.0)
0.14 (3.56)
LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH
24-Lead Ceramic DIP (D-24)
0.015 (0.38)
0.008 (0.20)
0.620 (15.75)
0.590 (14.99)
0.005 (0.13)
PIN 1
0.098 (2.49)
0.610 (15.49)
0.500 (12.70)
13
12
24
1
0.225
(5.72)
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.150
(3.81)
SEATING
PLANE
0.110 (2.79)
0.090 (2.29)
0.075 (1.91)
0.015 (0.38)
0.200 (5.08)
0.120 (3.05)
1.290 (32.77)
24-Lead Plastic DIP (N-24A)
PIN 1
0.55 (13.97)
0.53 (13.47)
24
1
13
12
0.606 (15.4)
0.594 (15.09)
0.012 (0.305)
0.008 (0.203)
15
°
0
°
0.16 (4.07)
0.14 (3.56)
0.2
(5.08)
MAX
0.065 (1.66)
0.045 (1.15)
0.105 (2.67)
0.095 (2.42)
1.25 (31.75)
1.24 (31.5)
0.02 (0.508)
0.015 (0.381)
0.175
(4.45)
0.12 (3.05)
SEATING
PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com