Electronic Components Datasheet Search
  English  ▼

X  

ADM236LJR Datasheet(PDF) 12 Page - Analog Devices

Part # ADM236LJR
Description  5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM236LJR Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM236LJR Datasheet HTML 8Page - Analog Devices ADM236LJR Datasheet HTML 9Page - Analog Devices ADM236LJR Datasheet HTML 10Page - Analog Devices ADM236LJR Datasheet HTML 11Page - Analog Devices ADM236LJR Datasheet HTML 12Page - Analog Devices ADM236LJR Datasheet HTML 13Page - Analog Devices ADM236LJR Datasheet HTML 14Page - Analog Devices ADM236LJR Datasheet HTML 15Page - Analog Devices ADM236LJR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADM223/ADM230L–ADM241L
–12–
REV. 0
10
90
100
0%
5V
0.8 V
A3
5V
5
B
L w
1ms
H
O
Figure 30. Charge Pump, V+, V– Exiting Shutdown
10
90
100
0%
5V
0.8 V
A3
5
B
L w
5µs
H
O
Figure 31. Transmitter Output Loaded Slew Rate
10
90
100
0%
5V
0.8 V
A3
5
B
L w
1µs
H
O
Figure 32. Transmitter Output Unloaded Slew Rate
GENERAL INFORMATION
The ADM223/ADM230L–ADM241L family of RS-232 drivers/
receivers are designed to solve interface problems by meeting
the EIA-232-E specifications while using a single digital +5 V
supply. The EIA-232-E standard requires transmitters which
will deliver
±5 V minimum on the transmission channel and
receivers which can accept signal levels down to
±3 V. The
ADM223/ADM230L–ADM241L meet these requirements by
integrating step up voltage converters and level shifting trans-
mitters and receivers onto the same chip. CMOS technology is
used to keep the power dissipation to an absolute minimum. A
comprehensive range of transmitter/receiver combinations is
available to cover most communications needs.
The ADM223, ADM230L, ADM235L, ADM236L and
ADM241L are particularly useful in battery powered systems as
they feature a low power shutdown mode which reduces power
dissipation to less than 5
µW.
The ADM233L and ADM235L are designed for applications
where space saving is important as the charge pump capacitors
are molded into the package.
The ADM231L and ADM239L include only a negative charge
pump converter and are intended for applications where a posi-
tive 12 V is available.
To facilitate sharing a common line or for connection to a micro-
processor data bus the ADM235L, ADM236L, ADM239L and
ADM241L feature an enable (EN, EN) function. When disabled,
the receiver outputs are placed in a high impedance state.
CIRCUIT DESCRIPTION
The internal circuitry in the ADM230L–ADM241L consists of
three main sections. These are:
(a) A charge pump voltage converter
(b) RS-232 to TTL/CMOS receivers
(c) TTL/CMOS to RS-232 transmitters
Charge Pump DC-DC Voltage Converter
The charge pump voltage converter consists of an oscillator and
a switching matrix. The converter generates a
±10 V supply
from the input 5 V level. This is done in two stages using a
switched capacitor technique as illustrated in Figures 33 and 34.
First, the 5 V input supply is doubled to 10 V using capacitor
C1 as the charge storage element. The 10 V level is then in-
verted to generate –10 V using C2 as the storage element.
S1
S3
V+ = 2VCC
S2
S4
INTERNAL
OSCILLATOR
C1
C3
VCC
GND
VCC
Figure 33. Charge-Pump Voltage Doubler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com