Electronic Components Datasheet Search
  English  ▼

X  

PCF8523TK Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCF8523TK
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TK Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCF8523TK Datasheet HTML 49Page - NXP Semiconductors PCF8523TK Datasheet HTML 50Page - NXP Semiconductors PCF8523TK Datasheet HTML 51Page - NXP Semiconductors PCF8523TK Datasheet HTML 52Page - NXP Semiconductors PCF8523TK Datasheet HTML 53Page - NXP Semiconductors PCF8523TK Datasheet HTML 54Page - NXP Semiconductors PCF8523TK Datasheet HTML 55Page - NXP Semiconductors PCF8523TK Datasheet HTML 56Page - NXP Semiconductors PCF8523TK Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
53 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
13. Application information
Fig 35. I2C-bus timing diagram; rise and fall times refer to 30 % and 70 %
SCL
SDA
tHD;STA
tSU;DAT
tHD;DAT
tf
tBUF
tSU;STA
tLOW
tHIGH
tVD;ACK
013aaa417
tSU;STO
protocol
START
condition
(S)
bit 7
MSB
(A7)
bit 6
(A6)
bit 0
(R/W)
acknowledge
(A)
STOP
condition
(P)
1/fSCL
tr
tVD;DAT
R1 and C1 are recommended to limit the Slew Rate (SR, see Table 48) of VDD. If VDD drops too
fast, the internal supply switch to the battery is not guaranteed.
Fig 36. Application diagram
013aaa341
PCF8523
OSCI
OSCO
INT1/
CLKOUT
SCL
SDA
VDD
VSS
MASTER
TRANSMITTER
RECEIVER
SCL
SDA
VDD
VSS
VBAT
CLKOUT
INT2
VDD
RR
R: pull-up resistor
R =
Cb
R1
C1
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com