Electronic Components Datasheet Search
  English  ▼

X  

PCF8523U Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCF8523U
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523U Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCF8523U Datasheet HTML 51Page - NXP Semiconductors PCF8523U Datasheet HTML 52Page - NXP Semiconductors PCF8523U Datasheet HTML 53Page - NXP Semiconductors PCF8523U Datasheet HTML 54Page - NXP Semiconductors PCF8523U Datasheet HTML 55Page - NXP Semiconductors PCF8523U Datasheet HTML 56Page - NXP Semiconductors PCF8523U Datasheet HTML 57Page - NXP Semiconductors PCF8523U Datasheet HTML 58Page - NXP Semiconductors PCF8523U Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
55 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
Fig 38. Package outline SOT909-1 (HVSON8) of PCF8523TK
0.8
0.2
1
0.05
0.00
A1
Eh
b
UNIT
D(1)
y
e
2.4
e1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
4.1
3.9
cDh
2.35
2.05
y1
4.1
3.9
3.25
2.95
0.4
0.3
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT909-1
MO-229
E(1)
0.65
0.40
L
0.1
v
0.05
w
0
2 mm
1
scale
SOT909-1
HVSON8: plastic thermal enhanced very thin small outline package; no leads;
8 terminals; body 4 x 4 x 0.85 mm
A(1)
max.
05-09-26
05-09-28
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
X
b
terminal 1
index area
e1
e
A
C
B
v M
C
w M
Eh
Dh
L
14
5
8
detail X
A
A1
c
C
y
C
y1
exposed tie bar (4
×)
terminal 1
index area
B
A
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com