Electronic Components Datasheet Search
  English  ▼

X  

PCF8523T/1 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8523T/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T/1 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8523T/1 Datasheet HTML 14Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 15Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 16Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 17Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 18Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 19Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 20Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 21Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
18 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.5.2.2
Direct switching mode
If VDD > VBAT the internal power supply is VDD.
If VDD < VBAT the internal power supply is VBAT.
The direct switching mode is useful in systems where VDD is higher than VBAT at all times
(for example, VDD = 5 V, VBAT = 3.5 V). If the VDD and VBAT values are similar (for
example, VDD = 3.3 V, VBAT  3.0 V), the direct switching mode is not recommended. In
direct switching mode, the power consumption is reduced compared to the standard mode
because the monitoring of VDD and Vth(sw)bat is not performed.
8.5.2.3
Battery switch-over disabled, only one power supply (VDD)
When the battery switch-over function is disabled:
• The power supply is applied on the VDD pin
• The VBAT pin must be connected to ground
• The battery flag (BSF) is always logic 0
8.5.3 Battery low detection function
The PCF8523 has a battery low detection circuit, which monitors the status of the battery
VBAT.
Generation of interrupts from the battery low detection is controlled via bit BLIE (register
Control_3). If BLIE is enabled, the INT1 follows the status of bit BLF (register Control_3).
When VBAT drops below the threshold value Vth(bat)low (typically 2.5 V), the BLF flag
(register Control_3) is set to indicate that the battery is low and that it must be replaced.
Monitoring of the battery voltage also occurs during battery operation.
Fig 10. Battery switch-over behavior in direct switching mode and with bit BSIE set
logic 1 (enabled)
013aaa322
internal power supply (= VBBS)
cleared via interface
backup battery operation
BSF
Vth(sw)bat
(= 2.5 V)
VDD (= 0 V)
VBAT
VDD
VBBS
VBBS
INT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com