Electronic Components Datasheet Search
  English  ▼

X  

SBL3045CT Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # SBL3045CT
Description  Power Schottky Rectifier - 30Amp 45Volt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SBL3045CT Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  SBL3045CT Datasheet HTML 1Page - Sirectifier Global Corp. SBL3045CT Datasheet HTML 2Page - Sirectifier Global Corp. SBL3045CT Datasheet HTML 3Page - Sirectifier Global Corp. SBL3045CT Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 30Amp 45Volt
□
Features
-Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
-High Junction Temperature Capability
-Low forward voltage, high current capability
-High surge capacity
-Low power loss, high efficiency
□
Application
-Switching-Mode Power Supply
-Solar-System Control Box
□
Absolute maximum ratings
Symbol
Ratings
Unit
Conditions
IF(AV)
30
A
Average Forward Current
VRRM
45
V
Repetitive Peak Reverse Voltage
IFSM
350
A
Peak Forward Surge Current
VF
0.44
V
Forward Voltage Drop
Tj , Tstg
-50 to +150
º
C
Operating and Storage Temperature
□
Electrical characteristics
Parameters
Symbol
Ratings
Conditions
Maximum Instantaneous Forward Voltage
VF
0.55V
0.44V
Per Leg at
IF = 15A
Tc = 25ºC
Tc = 125ºC
Maximum Reverse Leakage Current
IR
1.0mA
Per Leg at
VR = 45V
Tc = 25ºC
Maximum Voltage Rate of Change
dv/dt
10,000 V/μs
Rated VR
Typical Thermal Resistance,Junction to Case
Rθ (j-c)
2.2 ºC/W
4.5 ºC/W
1.25 ºC/W
1.1 ºC/W
Per Leg
TO-220AB
ITO-220AB
TO-247AD
TO-3P
June 2010 / Rev.6.6
E
L
E
C
T
R
O
N
I
C
SBL3045CT/FCT/PT


Similar Part No. - SBL3045CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL3045CT DIODES-SBL3045CT Datasheet
64Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS30022 Rev. B-2
logo
Micro Commercial Compon...
SBL3045CT MCC-SBL3045CT Datasheet
112Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 45 Volts
logo
Galaxy Semi-Conductor H...
SBL3045CT BILIN-SBL3045CT Datasheet
193Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SBL3045CT ZOWIE-SBL3045CT Datasheet
79Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SBL3045CT CHENYI-SBL3045CT Datasheet
87Kb / 2P
30Amp schottky barrier rectifier 30to45 volts
More results

Similar Description - SBL3045CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
FWSL310PT SIRECT-FWSL310PT Datasheet
117Kb / 2P
Power Schottky Rectifier - 30Amp 45Volt
FWSR310PT SIRECT-FWSR310PT Datasheet
117Kb / 2P
Power Schottky Rectifier - 30Amp 45Volt
SBL30B45CTH SIRECT-SBL30B45CTH Datasheet
141Kb / 2P
Power Schottky Rectifier - 30Amp 45Volt
SBL30L45CT SIRECT-SBL30L45CT Datasheet
141Kb / 2P
Power Schottky Rectifier - 30Amp 45Volt
SBL30L45CTH SIRECT-SBL30L45CTH Datasheet
141Kb / 2P
Power Schottky Rectifier - 30Amp 45Volt
SBL3045CT SIRECT-SBL3045CT Datasheet
140Kb / 2P
Power Schottky Rectifier - 30Amp 45Volt
MBR40B45CTH SIRECT-MBR40B45CTH Datasheet
133Kb / 3P
Power Schottky Rectifier - 40Amp 45Volt
SBL20C45CTH SIRECT-SBL20C45CTH Datasheet
133Kb / 3P
Power Schottky Rectifier - 20Amp 45Volt
SBL30B45CTH SIRECT-SBL30B45CTH Datasheet
131Kb / 3P
Power Schottky Rectifier - 30Amp 45Volt
SBL30L45CT SIRECT-SBL30L45CT Datasheet
148Kb / 4P
Power Schottky Rectifier - 30Amp 45Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com