Electronic Components Datasheet Search
  English  ▼

X  

ADMC326TR Datasheet(PDF) 22 Page - Analog Devices

Part # ADMC326TR
Description  28-Lead ROM-Based DSP Motor Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC326TR Datasheet(HTML) 22 Page - Analog Devices

Back Button ADMC326TR Datasheet HTML 18Page - Analog Devices ADMC326TR Datasheet HTML 19Page - Analog Devices ADMC326TR Datasheet HTML 20Page - Analog Devices ADMC326TR Datasheet HTML 21Page - Analog Devices ADMC326TR Datasheet HTML 22Page - Analog Devices ADMC326TR Datasheet HTML 23Page - Analog Devices ADMC326TR Datasheet HTML 24Page - Analog Devices ADMC326TR Datasheet HTML 25Page - Analog Devices ADMC326TR Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
ADMC326
–22–
REV. A
Table XI. DSP Core Registers
Address
Name
Bits
Function
0x3FFF
SYSCNTL
[15 ...0]
System Control Register
0x3FFE
MEMWAIT
[15 ...0]
Memory Wait State Control Register
0x3FFD
TPERIOD
[15 ...0]
Interval Timer Period Register
0x3FFC
TCOUNT
[15 ...0]
Interval Timer Count Register
0x3FFB
TSCALE
[7 ...0]
Interval Timer Scale Register
0x3FFA . . . F3
Reserved
0x3FF2
SPORT1_CTRL_REG
[15 ...0]
SPORT1 Control Register
0x3FF1
SPORT1_SCLKDIV
[15 ...0]
SPORT1 Clock Divide Register
0x3FF0
SPORT1_RFSDIV
[15 ...0]
SPORT1 Receive Frame Sync Divide
0x3FEF
SPORT1_AUTOBUF_CTRL
[15 ...0]
SPORT1 Autobuffer Control Register
Table X. Peripheral Register Map
Address
(HEX)
Name
Bits Used
Function
0x2000
ADC1
[15 ...4]
ADC Results for V1
0x2001
ADC2
[15 ...4]
ADC Results for V2
0x2002
ADC3
[15 ...4]
ADC Results for ISENSE
0x2003
ADCAUX
[15 ...4]
ADC Results for VAUX
0x2004
PIODIR0
[7 ...0]
PIO0 . . . 7 Pins Direction Setting
0x2005
PIODATA0
[7 ...0]
PIO0 . . . 7 Pins Input/Output Data
0x2006
PIOINTEN0
[7 ...0]
PIO0 . . . 7 Pins Interrupt Enable
0x2007
PIOFLAG0
[7 ...0]
PIO0 . . . 7 Pins Interrupt Status
0x2008
PWMTM
[15 ...0]
PWM Period
0x2009
PWMDT
[9 ...0]
PWM Deadtime
0x200A
PWMPD
[9 ...0]
PWM Pulse Deletion Time
0x200B
PWMGATE
[9 ...0]
PWM Gate Drive Configuration
0x200C
PWMCHA
[15 ...0]
PWM Channel A Pulsewidth
0x200D
PWMCHB
[15 ...0]
PWM Channel B Pulsewidth
0x200E
PWMCHC
[15 ...0]
PWM Channel C Pulsewidth
0x200F
PWMSEG
[8 ...0]
PWM Segment Select
0x2010
AUXCH0
[7 ...0]
AUX PWM Output 0
0x2011
AUXCH1
[7 ...0]
AUX PWM Output 1
0x2012
AUXTM0
[7 ...0]
Auxiliary PWM Frequency Value
0x2013
AUXTM1
[7 ...0]
Auxiliary PWM Frequency Value/Offset
Reserved
0x2015
MODECTRL
[8 ...0]
Mode Control Register
0x2016
SYSSTAT
[3 ...0]
System Status
0x2017
IRQFLAG
[1 ...0]
Interrupt Status
0x2018
WDTIMER
[15 ...0]
Watchdog Timer
0x2019 . . . 43
Reserved
0x2044
PIODIR1
[0]
PIO8 Pin Direction Setting
0x2045
PIODATA1
[1 ...0]
PIO8 Data and Mode Control
0x2046
PIOINTEN1
[0]
PIO8 Pin Interrupt Enable
0x2047
PIOFLAG1
[0]
PIO8 Pin Interrupt Status
0x2048
Reserved
0x2049
PIOSELECT
[7 ...0]
PIO0 to PIO7 Mode Select
0x204A . . . 5F
Reserved
0x2060
PWMSYNCWT
[7 ...0]
PWMSYNC Pulsewidth
0x2061
PWMSWT
[0]
PWM S/W Trip Bit
0x2062 . . . 67
Reserved
0x2068
ICONST_TRIM
[2. . .0]
ICONST Trim
0x2069 . . . FF
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com