Electronic Components Datasheet Search
  English  ▼

X  

ADMC328YR Datasheet(PDF) 20 Page - Analog Devices

Part # ADMC328YR
Description  28-Lead ROM-Based DSP Motor Controller with Current Sense
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC328YR Datasheet(HTML) 20 Page - Analog Devices

Back Button ADMC328YR Datasheet HTML 16Page - Analog Devices ADMC328YR Datasheet HTML 17Page - Analog Devices ADMC328YR Datasheet HTML 18Page - Analog Devices ADMC328YR Datasheet HTML 19Page - Analog Devices ADMC328YR Datasheet HTML 20Page - Analog Devices ADMC328YR Datasheet HTML 21Page - Analog Devices ADMC328YR Datasheet HTML 22Page - Analog Devices ADMC328YR Datasheet HTML 23Page - Analog Devices ADMC328YR Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADMC328
–20–
REV. B
PWM DAC Equation
The auxiliary PWM output can be filtered in order to produce a
low frequency analog signal between 0 V to VDD. For example, a
2-pole filter with a 1.2 kHz cutoff frequency will sufficiently at-
tenuate the PWM carrier. Figure 19 shows how the filter would
be applied.
C1
C2
R1
R2
R1 = R2 = 13k
C1 = C2 = 10nF
AUXPWM
Figure 19. Auxiliary PWM Output Filter
WATCHDOG TIMER
The ADMC328 incorporates a watchdog timer that can perform
a full reset of the DSP and motor control peripherals in the
event of software error. The watchdog timer is enabled by writ-
ing a timeout value to the 16-bit WDTIMER register. The timeout
value represents the number of CLKIN cycles required for the
watchdog timer to count down to zero. When the watchdog timer
reaches zero, a full DSP core and motor control peripheral reset
is performed. In addition, Bit 1 of the SYSSTAT register is set
so that after a watchdog reset, the ADMC328 can determine that
the reset was due to the timeout of the watchdog timer and not an
external reset. Following a watchdog reset, Bit 1 of the SYSSTAT
register may be cleared by writing zero to the WDTIMER register.
This clears the status bit but does not enable the watchdog timer.
On reset, the watchdog timer is disabled and is only enabled when
the first timeout value is written to the WDTIMER register. To
prevent the watchdog timer from timing out, the user must write
to the WDTIMER register at regular intervals (shorter than
the programmed WDTIMER period value). On all but the first
write to WDTIMER, the particular value written to the register
is unimportant since writing to WDTIMER simply reloads the
first value written to this register.
PROGRAMMABLE DIGITAL INPUT/OUTPUT
The ADMC328 has nine programmable digital input/output
(PIO) pins that are all multiplexed with other functions. The
nine PIO lines PIO0–PIO8 are multiplexed with the serial port
(Pins PIO0/TFS1 to PIO5/RFS1), the CLKOUT (pin PIO6/
CLKOUT) and the auxiliary PWM outputs (Pins PIO7/AUX1
and PIO8/AUX0). When configured as a PIO, each of these
nine pins can act as an input, output, or an interrupt source.
The operating mode of pins PIO0/TFS1 to PIO7/AUX1 is con-
trolled by the PIOSELECT register. This 8-bit register has a bit
for each input so that the mode of each pin may be selected in-
dividually. Bit 0 of PIOSELECT controls the operation of the
PIO0/TFS1 pin. Bit 1 controls the PIO1/DT1 pin, etc. Setting
the appropriate bit in the PIOSELECT register causes the cor-
responding pin to be configured for PIO functionality. Clearing
the bit selects the alternate (SPORT, CLKOUT, or AUXPWM)
mode of the corresponding pin. Following power-on reset, all
bits of PIOSELECT are set such that PIO functionality is
selected. The operating mode of the PIO8/AUX0 pin is selected
by Bit 1 of the PIODATA1 register. In a manner identical to the
PIOSELECT register, setting this bit enables PIO functionality
(PIO8) while clearing the bit enables auxiliary PWM functional-
ity (AUX0).
Once PIO functionality has been selected for any or all of these
nine pins, the direction may be set by the 8-bit PIODIR0 register
(for PIO0 to PIO7) and the 1-bit PIODIR1 register (for PIO8).
Clearing any bit configures the corresponding PIO line as an
input while setting the bit configures it as an output. By default,
following a reset, all bits of PIODIR0 and PIODIR1 are cleared
configuring the PIO lines as inputs.
The data of the PIO0 to PIO8 lines is controlled by the
PIODATA0 register (for PIO0 to PIO7) and Bit 0 of the
PIODATA1 register (for PIO8). These registers can be used
to read data from those PIO lines configured as inputs and
write data to those configured as outputs. Any of the nine pins
that have been configured for PIO functionality can be made
to act as an interrupt source by setting the appropriate bit of the
PIOINTEN0 register (for PIO0 to PIO7) or the PIOINTEN1
register (for PIO8). In order to act as an interrupt source the pin
must also be configured as an input. An interrupt is generated
upon a change of state (low-to-high transition or high-to-low
transition) on any input that has been configured as an interrupt
source. Following a change of state event on any such input, the
corresponding bit is set in the PIOFLAG0 register (for PIO0 to
PIO7) and PIOFLAG1 (for PIO8) and a common PIO interrupt is
generated. Reading the PIOFLAG0 and PIOFLAG1 registers
permits determining the interrupt source. Reading the PIOFLAG0
and PIOFLAG1 registers automatically clears all bits of the reg-
isters. Following power-on or reset, all bits of PIOINTEN0 and
PIOINTEN1 are cleared so that no interrupts are enabled.
Each PIO line has an internal pull-down resistor so that follow-
ing power-on or reset all nine lines are configured as input PIOs
and will be read as logic lows if left unconnected.
Multiplexing of PIO Lines
The PIO0–PIO5 lines are multiplexed on the ADMC328 with
the functional lines of the serial port, SPORT1. Although the
PIOSELECT register permits individual selection of the function-
ality of each pin, certain restrictions apply when using SPORT1 for
serial communications.
In general, when transmitting and receiving data on the DTI
and DRIB pins, respectively, the PIO0/TFS1 and PIO5/RFS1 pins
must also be selected for SPORT (TFS1 and RFS1) functionality
even if unframed communication is implemented. Therefore,
when using SPORT1 for any type of serial communication, the
minimal setting for PIOSELECT is 0xD8 (i.e., select DTI, DRIB,
RFS1, and TFS1; select PIO7, PIO6, PIO4, PIO3 as digital I/O).
If the serial port communications use an internally generated
SCLK1, the PIO3/SCLK1 pin may be used as a general-purpose
PIO line. When external SCLK mode is selected, the PIO/SCLK1
pin must be enabled as SCLK1 (PIOSELECT [3] = 0).
Table VIII. Auxiliary PWM Timers
Parameter
Test Conditions
Min
Typ
Max
Unit
Resolution
8
Bits
PWM Frequency
10 MHz CLKIN
0.039
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com