Electronic Components Datasheet Search
  English  ▼

X  

ADP1073 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1073
Description  Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1073 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1073 Datasheet HTML 8Page - Analog Devices ADP1073 Datasheet HTML 9Page - Analog Devices ADP1073 Datasheet HTML 10Page - Analog Devices ADP1073 Datasheet HTML 11Page - Analog Devices ADP1073 Datasheet HTML 12Page - Analog Devices ADP1073 Datasheet HTML 13Page - Analog Devices ADP1073 Datasheet HTML 14Page - Analog Devices ADP1073 Datasheet HTML 15Page - Analog Devices ADP1073 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP1073
–12–
REV. 0
–Typical Application Circuits
1 F*
1M
VSET
V1
+12V
100
V2
100 F
*NON-POLARIZED
ADP1073
CIRCUIT
IIN =
V2 – V1
100
Figure 24. Test Circuit Measures No Load Quiescent
Current of ADP1073 Converter
1N5818
ILIM
VIN
SW1
SW2
GND
ADP1073
L1*
120 H
1.00M **
47 F
23.3k **
220
FB
1.5 VOLT
CELL
9V OUTPUT
5mA AT VBATTERY = 1.00V
12mA AT VBATTERY = 1.5V
*L1 = GOWANDA GA10-123k
OR CADDELL-BURNS 7300-14
**1% METAL FILM
Figure 25. 1.5 V to 9 V Step-Up Converter
1N5818
ILIM
VIN
SW1
SW2
GND
ADP1073-5
L1*
68 H
100 F
56
SENSE
TWO
1.5 VOLT
CELLS
5V OUTPUT
100mA
AT VBATTERY = 2.0V
*L1 = GOWANDA GA10-682k
OR CADDELL-BURNS 7300-11
Figure 26. 3 V to 5 V Step-Up Converter
1N5818
ILIM
VIN
SW1
SW2
GND
ADP1073
L1*
120 H
536k **
100 F
40.2k **
220
FB
1.5 VOLT
CELL
3V OUTPUT
15mA AT VBATTERY = 1.00V
*L1 = GOWANDA GA10-123k
OR CADDELL-BURNS 7300-14
**1% METAL FILM
Figure 27. 1.5 V to 3 V Step-Up Converter
1N5818
ILIM
VIN
SW1
SW2
GND
ADP1073-12
L1*
120 H
47 F
SENSE
1.5 VOLT
CELL
12V OUTPUT
5mA AT VBATTERY = 1.0V
12mA AT VBATTERY = 1.5V
*L1 = GOWANDA GA10-123k
OR CADDELL-BURNS 7300-14
Figure 28. 1.5 V to 12 V Step-Up Converter
1N5818
ILIM
VIN
SW1
SW2
GND
ADP1073-12
L1*
68 H
47 F
51
SENSE
TWO
1.5 VOLT
CELLS
12V OUTPUT
25mA AT VBATTERY = 2.0V
*L1 = GOWANDA GA10-682k
OR CADDELL-BURNS 7300-11
Figure 29. 3 V to 12 V Step-Up Converter
TWO
1.5 VOLT
CELLS
1N5818
ILIM
VIN
SW1
SW2
GND
ADP1073
L1*
68 H
1.00M **
47 F
14.3k **
51
FB
15V OUTPUT
20mA AT VBATTERY = 2.0V
*L1 = GOWANDA GA10-682k
OR CADDELL-BURNS 7300-11
**1% METAL FILM
Figure 30. 3 V to 15 V Step-Up Converter
100 F
1N5818
ILIM
VIN
SW1
SW2
GND
ADP1073
L1*
150 H
1M **
100 F
14.3k **
FB
15V OUTPUT
100mA AT 4.5 VIN
*L1 = GOWANDA GA10-153k
OR CADDELL-BURNS 7200-15
**1% METAL FILM
5 VIN
Figure 31. 5 V to 15 V Step-Up Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com