Electronic Components Datasheet Search
  English  ▼

X  

ADP1109 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1109
Description  Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1109 Datasheet(HTML) 4 Page - Analog Devices

  ADP1109 Datasheet HTML 1Page - Analog Devices ADP1109 Datasheet HTML 2Page - Analog Devices ADP1109 Datasheet HTML 3Page - Analog Devices ADP1109 Datasheet HTML 4Page - Analog Devices ADP1109 Datasheet HTML 5Page - Analog Devices ADP1109 Datasheet HTML 6Page - Analog Devices ADP1109 Datasheet HTML 7Page - Analog Devices ADP1109 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADP1109
–4–
REV. 0
INPUT VOLTAGE – V
123.5
118.5
220
4
6
8
10
12
14
16
18
123.0
121.0
120.0
119.5
119.0
122.5
122.0
120.5
121.5
Figure 4. Oscillator Frequency vs.
Input Voltage
TEMPERATURE – C
150
–40
140
100
130
120
90
110
025
70
85
Figure 7. Oscillator Frequency vs.
Temperature
TEMPERATURE – C
0.37
–40
0.36
0.32
0.35
0.34
0.31
0.33
025
70
85
0.38
0.39
Figure 10. Switch Saturation Voltage
vs. Temperature
SWITCH CURRENT – A
1.2
0.1
1
0.2
0.3
0.4 0.5
0.6 0.7
0.8
0.9
1.0
0.2
0.8
0.6
0
0.4
Figure 5. Switch Saturation Voltage
vs. Switch Current
TEMPERATURE – C
–40
025
70
85
4.5
4.4
4.3
4.2
4.1
4.0
3.9
3.8
3.7
Figure 8. Switch-On Time vs.
Temperature
TEMPERATURE – C
–40
100
400
300
0
200
025
70
85
600
500
Figure 11. Quiescent Current vs.
Temperature
INPUT VOLTAGE – V
600
220
4
6
8
10
12
14
16
18
500
100
400
300
0
200
Figure 6. Quiescent Current vs.
Input Voltage
TEMPERATURE – C
54
–40
52
44
50
48
42
46
025
70
85
56
58
Figure 9. Duty Cycle vs. Temperature
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com