Electronic Components Datasheet Search
  English  ▼

X  

ADP1147 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1147
Description  High Efficiency Step-Down Switching Regulator Controllers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1147 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1147 Datasheet HTML 4Page - Analog Devices ADP1147 Datasheet HTML 5Page - Analog Devices ADP1147 Datasheet HTML 6Page - Analog Devices ADP1147 Datasheet HTML 7Page - Analog Devices ADP1147 Datasheet HTML 8Page - Analog Devices ADP1147 Datasheet HTML 9Page - Analog Devices ADP1147 Datasheet HTML 10Page - Analog Devices ADP1147 Datasheet HTML 11Page - Analog Devices ADP1147 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADP1147-3.3/ADP1147-5
–10–
REV. 0
Losses are encountered in all elements of the circuit, but the
four major sources for the circuit shown in Figure 1 are:
1. The ADP1147 dc bias current.
2. The MOSFET gate charge current.
3. The I
2
× R losses.
4. The voltage drop of the Schottky diode.
1. The ADP1147’s dc bias current is the amount of current that
flows into VIN of the device minus the gate charge current.
With VIN = 10 volts, the dc supply current to the device is
typically 160
µA for a no load condition, and increases pro-
portionally with load to a constant of 1.6 mA in the continu-
ous mode of operation. Losses due to dc bias currents increase
as the input voltage VIN is increased. At VIN = 10 volts the dc
bias losses are usually less than 1% with a load current
greater than 30 mA. When very low load currents are
encountered the dc bias current becomes the primary point
of loss.
2. The MOSFET gate charge current is due to the switching of
the power MOSFET’s gate capacitance. As the MOSFET’s
gate is switched from a low to a high and back to a low again,
charge impulses dQ travel from VIN to ground. The current
out of VIN is equal to dQ/dt and is usually much greater than
the dc supply current. When the device is operating in the
continuous mode the I gate charge is = f (QP). Typically a
P-channel power MOSFET with an RDS on of 135 mΩ will
have a gate charge of 40 nC. With a 100 kHz, switching
frequency in the continuous mode, the I gate charge would
equate to 4 mA or about a 2%–3% loss with a VIN of 10 volts.
It should be noted that gate charge losses increase with
switching frequency or input voltage. A design requiring the
highest efficiency can be obtained by using more moderate
switching frequencies.
3. I
2
× R loss is a result of the combined dc circuit resistance
and the output load current. The primary contributors to
circuit dc resistance are the MOSFET, the Inductor and
RSENSE. In the continuous mode of operation the average
output current is switched between the MOSFET and the
Schottky diode and a continuous current flows through the
inductor and RSENSE. Therefore the RDS(ON) of the MOSFET
is multiplied by the on portion of the duty cycle. The result is
then combined with the resistance of the Inductor and
RSENSE. The following equations and example show how to
approximate the I
2
× R losses of a circuit.
RDS(ON)
× (Duty Cycle) + R
INDUCTOR + RSENSE = R
ILOAD
2
× R = P
LOSS
VOUT
× I
LOAD = POUT
PLOSS/POUT
× 100 = % I2 × R
LOSS.
With the duty cycle = 0.5, RINDUCTOR = 0.15, RSENSE = 0.05
and ILOAD = 0.5 A. The result would be a 3% I
2R loss. The
effects of I
2R losses causes the efficiency to fall off at higher
output currents.
4. At high current loads the Schottky diode can be a substantial
point of power loss. The diode efficiency is further reduced
by the use of high input voltages. To calculate the diode loss,
the load current should be multiplied by the duty cycle of the
diode times the forward voltage drop of the diode.
ILOAD × % duty cycle × VDROP = Diode Loss
Figure 6 indicates the distribution of losses versus load cur-
rent in a typical ADP1147 switching regulator circuit. With
medium current loads the gate charge current is responsible
for a substantial amount of efficiency loss. At lower loads the
gate charge losses become large in comparison to the load,
and result in unacceptable efficiency levels. When low load
currents are encountered the ADP1147 employs a power
savings mode to reduce the effects of the gate loss. In the
power savings mode of operation the dc supply current is the
major source of loss and becomes a greater percentage as the
output current decreases.
Losses at higher loads are primarily due to I
2R and the
Schottky diode. All other variables such as capacitor ESR
dissipation, MOSFET switching, and inductor core losses
typically contribute less than 2% additional loss.
Circuit Design Example
In using the design example below assumptions are as follows:
VIN = 5 Volts
VOUT = 3.3 Volts
VDIODE drop (VD) = 0.4 Volts
IMAX OUT = 1 Amp
Max switching frequency (f) = 100 kHz.
The values for RSENSE, CT and L can be calculated based on the
above assumptions.
RSENSE = 100 mV/1 Amp = 100 m
Ω.
tOFF time = (1/100 kHz)
× [1 – (3.7/5.4)] = 3.15 µs.
CT = 3.15 µs /(1.3 × 10
4) = 242 pF.
L = 5.1
× 10 5 × 0.1 Ω × 242 pF × 3.3 V = 41 µH.
If we further assume:
1. The data is specified at +25
°C.
2. MOSFET max power dissipation (PP) is limited to 250 mW.
3. MOSFET thermal resistance is 50
°C/W.
4. The normalized RDS(ON) vs. temperature approximation (
δ
P)
is 0.007/
°C.
This results in 250 mW
× 50°C per watt = 12.5°C of MOSFET
heat rise. If the ambient temperature TA is 50°C, a junction
temperature of 12.5
°C +50°C, T
A = 62.5
°C. δP = 0.007 ×
(62.5
°C –25°C) = 0.2625
We can now determine the required RDS(ON) for the MOSFET:
RDS(ON) = 5(0.25)/3.3 (1)
2 (1.2625) = 300 m
Ω
The above requirements can be met with the use of a P-channel
IRF7204 or an Si9430.
When VOUT is short circuited the power dissipation of the
Schottky diode is at worst case and the dissipation can rise
greatly. The following equation can be used to determine the
power dissipation:
PD = ISC(AVG) × VDIODE Drop
A 100 m
Ω R
SENSE resistor will yield an ISC(AVG) of 1 A. With a
forward diode drop of 0.4 volts a 400 milliwatt diode power
dissipation results.
The rms current rating needed for CIN will be at least 0.5 A over
the temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com