Electronic Components Datasheet Search
  English  ▼

X  

ADP1173 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1173
Description  Micropower DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1173 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1173 Datasheet HTML 6Page - Analog Devices ADP1173 Datasheet HTML 7Page - Analog Devices ADP1173 Datasheet HTML 8Page - Analog Devices ADP1173 Datasheet HTML 9Page - Analog Devices ADP1173 Datasheet HTML 10Page - Analog Devices ADP1173 Datasheet HTML 11Page - Analog Devices ADP1173 Datasheet HTML 12Page - Analog Devices ADP1173 Datasheet HTML 13Page - Analog Devices ADP1173 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADP1173
–10–
REV. 0
until its FB pin is 1.245 V above its GND pin, so the output
voltage is determined by the formula:
–VOUT =1.245 V × 1+
R1
R2


ILIM VIN
FB
ADP1173
SW2
GND
5
1
2
8
SW1
3
R3
+
C2
+VIN
L1
D1
1N5818
+
C1
–VOUT
R2
R1
4
Figure 17. A Positive-to-Negative Converter
The design criteria for the step-down application also apply to
the positive-to-negative converter. The output voltage should be
limited to |6.2 V|, unless a diode is inserted in series with the
SW2 Pin (see Figure 16). Also, D1 must again be a Schottky
diode to prevent excessive power dissipation in the ADP1173.
NEGATIVE-TO-POSITIVE CONVERSION
The circuit of Figure 18 converts a negative input voltage to a
positive output voltage. Operation of this circuit configuration is
similar to the step-up topology of Figure 14, except that the current
through feedback resistor R1 is level-shifted below ground by a
PNP transistor. The voltage across R1 is (VOUT–VBEQ1). How-
ever, diode D2 level-shifts the base of Q1 about 0.6 V below
ground, thereby cancelling the VBE of Q1. The addition of D2
also reduces the circuit’s output voltage sensitivity to tempera-
ture, which otherwise would be dominated by the –2 mV/
°C V
BE
contribution of Q1. The output voltage for this circuit is deter-
mined by the formula:
V
OUT = 1.245 V ×
R1
R2


Unlike the positive step-up converter, the negative-to-positive
converter’s output voltage can be either higher or lower than the
input voltage.
+
ILIM
VIN
SW1
ADP1173
L1
CL
RLIM
FB
SW2
GND
4
5
1
2
3
8
SET
7
AO
6
+
C2
NEGATIVE
INPUT
NC
NC
R1
1N5818
D1
R2
10k
Ω
Q1
2N3906
1N4148
D2
POSITIVE
OUTPUT
Figure 18. A Negative-to-Positive Converter
LIMITING THE SWITCH CURRENT
The ADP1173’s RLIM pin permits the switch current to be lim-
ited with a single resistor. This current limiting action occurs on
a pulse by pulse basis. This feature allows the input voltage to
vary over a wide range, without saturating the inductor or ex-
ceeding the maximum switch rating. For example, a particular
design may require peak switch current of 800 mA with a 2.0 V
input. If VIN rises to 4 V, however, the switch current will exceed
1.6 A. The ADP1173 limits switch current to 1.5 A and thereby
protects the switch, but increases the output ripple. Selecting
the proper resistor will limit the switch current to 800 mA, even
if VIN increases. The relationship between RLIM and maximum
switch current is shown in Figures 4 and 5.
The ILIM feature is also valuable for controlling inductor current
when the ADP1173 goes into continuous-conduction mode. This
occurs in the step-up mode when the following condition is met:
VOUT +V DIODE
V IN –VSW
<
1
1– DC
where DC is the ADP1173’s duty cycle. When this relationship
exists, the inductor current does not go all the way to zero dur-
ing the time the switch is OFF. When the switch turns on for
the next cycle, the inductor current begins to ramp up from the
residual level. If the switch ON time remains constant, the in-
ductor current will increase to a high level (see Figure 19). This
increases output ripple, and can require a larger inductor and
capacitor. By controlling switch current with the ILIM resistor,
output ripple current can be maintained at the design values.
Figure 20 illustrates the action of the ILIM circuit.
Figure 19. (ILIM Operation, RLIM = 0 Ω)
Figure 20. (ILIM Operation, RLIM = 240 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com