Electronic Components Datasheet Search
  English  ▼

X  

ADP1148AR Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1148AR
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1148AR Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1148AR Datasheet HTML 8Page - Analog Devices ADP1148AR Datasheet HTML 9Page - Analog Devices ADP1148AR Datasheet HTML 10Page - Analog Devices ADP1148AR Datasheet HTML 11Page - Analog Devices ADP1148AR Datasheet HTML 12Page - Analog Devices ADP1148AR Datasheet HTML 13Page - Analog Devices ADP1148AR Datasheet HTML 14Page - Analog Devices ADP1148AR Datasheet HTML 15Page - Analog Devices ADP1148AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP1148, ADP1148-3.3, ADP1148-5
–13–
REV. A
P-DRIVE
NC
VIN
CT
INT VCC
ITH
SENSE(–)
N-DRIVE
NC
POWER GND
SIGNAL GND
SHUTDOWN
VFB
SENSE(+)
ADP1148
CC
3300pF
RC
1k
IRF7403
D1
10BQ040
VIN
5.2V TO 14V
IRF7204
CIN
100 F
20V
*L
50 H
R1B
43k
1%
R2
56k
1%
COUT
220 F
10V
2
OS-CON
100pF
1000pF
**RSENSE
0.05
10nF
CT
390pF
1 F
1
2
3
4
5
6
7
14
13
12
11
10
9
8
R1A
33k
1%
0V: VOUT = 3.3V
5V: VOUT = 5V
VN2222LL
VOUT
3.3V/2A
OR 5V/2A
*COILTRONICS CTX50-2-MP
**KRL SL-1-C1-0R050J
NC = NO CONNECT
Figure 21. Logic Selectable 5 V/1 A or 3.3 V/2 A High Efficiency Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com