Electronic Components Datasheet Search
  English  ▼

X  

ADP3000 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3000
Description  Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3000 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3000 Datasheet HTML 4Page - Analog Devices ADP3000 Datasheet HTML 5Page - Analog Devices ADP3000 Datasheet HTML 6Page - Analog Devices ADP3000 Datasheet HTML 7Page - Analog Devices ADP3000 Datasheet HTML 8Page - Analog Devices ADP3000 Datasheet HTML 9Page - Analog Devices ADP3000 Datasheet HTML 10Page - Analog Devices ADP3000 Datasheet HTML 11Page - Analog Devices ADP3000 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADP3000
–8–
REV. 0
The circuit of Figure 18 may produce multiple pulses when
approaching the trip point due to noise coupled into the SET
input. To prevent multiple interrupts to the digital logic,
hysteresis can be added to the circuit (Figure 18). Resistor R
HYS,
with a value of 1 M
Ω to 10 MΩ, provides the hysteresis. The
addition of R
HYS will change the trip point slightly, so the new
value for R1 will be:
R1
=
V LOBATT –1.245V
1.245V
R2


−
V L −1.245V
RL + RHYS


where VL is the logic power supply voltage, RL is the pull-up
resistor, and RHYS creates the hysteresis.
POWER TRANSISTOR PROTECTION DIODE IN STEP-
DOWN CONFIGURATION
When operating the ADP3000 in the step-down mode, the
output voltage is impressed across the internal power switch’s
emitter-base junction when the switch is off. In order to protect
the switch, a Schottky diode must be placed in a series with
SW2 when the output voltage is set to higher than 6 V. Figure
19 shows the proper way to place the protection diode, D2.
The selection of this diode is identical to the step-down commut-
ing diode (see Diode Selection section for information).
ILIM VIN SW1
FB
SW2
GND
ADP3000
C2
R3
VIN
4
1
2
3
8
5
+
L1
R1
R2
D2
VOUT > 6V
+
D1
D1, D2 = 1N5818 SCHOTTKY DIODES
C1
Figure 19. Step-Down Model VOUT > 6.0 V
THERMAL CONSIDERATIONS
Power dissipation internal to the ADP3000 can be approximated
with the following equations.
Step-Up
PD = ISW
2
R
+
V IN ISW
β
D 1–
V IN
VO
4IO
ISW
 + IQ
[] V
IN
[]
where: ISW is ILIMIT in the case of current limit programmed
externally, or maximum inductor current in the case of
current limit not programmed externally.
R = 1
Ω (Typical R
CE(SAT)).
D = 0.75 (Typical Duty Ratio for a Single Switching
Cycle).
VO = Output Voltage.
IO = Output Current.
VIN = Input Voltage.
IQ = 500
µA (Typical Shutdown Quiescent Current).
β = 30 (Typical Forced Beta)
Step-Down
PD = ISW VCESAT 1+
1
β


VO
VIN – VCE SAT
()
2 IO
ISW
 + IQ
[] V
IN
[]
where: ISW is ILIMIT in the case of current limit is programmed
externally or maximum inductor current in the case of
current limit is not programmed eternally.
VCE(SAT) = Check this value by applying ISW to Figure 8b.
1.2 V is typical value.
D = 0.75 (Typical Duty Ratio for a Single Switching
Cycle).
VO = Output Voltage.
IO = Output Current.
VIN = Input Voltage.
IQ = 500 µA (Typical Shutdown Quiescent Current).
β = 30 (Typical Forced Beta).
The temperature rise can be calculated from:
∆T = P
D ×θ JA
where:
∆T = Temperature Rise.
PD = Device Power Dissipation.
θ
JA = Thermal Resistance (Junction-to-Ambient).
As example, consider a boost converter with the following
specifications:
VIN = 2 V, IO = 180 mA, VO = 3.3 V.
ISW = 0.8 A (Externally Programmed).
With Step-Up Power Dissipation Equation:
PD = 0.82 × 1+
(2)(0.8)
30
 0.75
[] 1– 2
3.3
(4) 0.18
0.8
 + 500E − 6
[] 2[]
= 185 mW
Using the SO-8 Package:
∆T = 185 mW (170°C/W) = 31.5°C.
Using the N-8 Package:
∆T = 185 mW (120°C/W) = 22.2°C.
At a 70
°C ambient, die temperature would be 101.45°C for
SO-8 package and 92.2
°C for N-8 package. These junction
temperatures are well below the maximum recommended
junction temperature of 125
°C.
Finally, the die temperature can be decreased up to 20% by
using a large metal ground plate as ground pickup for the
ADP3000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com