Electronic Components Datasheet Search
  English  ▼

X  

MBR20150CT Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # MBR20150CT
Description  Power Schottky Rectifier - 20Amp 150Volt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR20150CT Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  MBR20150CT Datasheet HTML 1Page - Sirectifier Global Corp. MBR20150CT Datasheet HTML 2Page - Sirectifier Global Corp. MBR20150CT Datasheet HTML 3Page - Sirectifier Global Corp. MBR20150CT Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 20Amp 150Volt
□
Features
-Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
-High Junction Temperature Capability
-Low forward voltage, high current capability
-High surge capacity
-Low power loss, high efficiency
-ESD performance human body mode > 6 KV
□
Application
-AC/DC Switching Adaptor and other Switching Power Supply
-TFT-LCD and DVD Power Supply
□
Absolute maximum ratings
Symbol
Ratings
Unit
Conditions
IF(AV)
20
A
Average Forward Current
VRRM
150
V
Repetitive Peak Reverse Voltage
IFSM
150
A
Peak Forward Surge Current
VF
0.69
V
Forward Voltage Drop
Tj, Tstg
-50 to +175
º
C
Operating and Storage Temperature
□
Electrical characteristics
Parameters
Symbol
Ratings
Conditions
Maximum Instantaneous Forward Voltage
VF
0.88V
0.69V
Per Leg at
IF = 10A
Tc = 25ºC
Tc = 125ºC
Maximum Reverse Leakage Current
IR
0.05mA
10mA
Per Leg at
VR = 150V
Tc = 25ºC
Tc = 125ºC
Typical Thermal Resistance,Junction to Case
Rθ (j-c)
2.2 ºC/W
4.5 ºC/W
Per Leg
TO-220AB / TO-262/ TO-263
ITO-220AB
June 2012 / Rev.6.8
E
L
E
C
T
R
O
N
I
C
MBR20150CT/FCT/CR/CG


Similar Part No. - MBR20150CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20150CT MCC-MBR20150CT Datasheet
382Kb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Taiwan Semiconductor Co...
MBR20150CT TSC-MBR20150CT Datasheet
102Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR20150CT TSC-MBR20150CT Datasheet
356Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBR20150CT KEC-MBR20150CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION.
logo
Sirectifier Semiconduct...
MBR20150CT SIRECTIFIER-MBR20150CT Datasheet
193Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results

Similar Description - MBR20150CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR20L150CT SIRECT-MBR20L150CT Datasheet
189Kb / 3P
Power Schottky Rectifier - 20Amp 150Volt
MBR30B150CTH SIRECT-MBR30B150CTH Datasheet
146Kb / 3P
Power Schottky Rectifier - 30Amp 150Volt
SB10150FC SIRECT-SB10150FC Datasheet
178Kb / 3P
Power Schottky Rectifier - 10Amp 150Volt
MBR10B150CTH SIRECT-MBR10B150CTH Datasheet
145Kb / 4P
Power Schottky Rectifier - 10Amp 150Volt
MBR10X150CTH SIRECT-MBR10X150CTH Datasheet
138Kb / 3P
Power Schottky Rectifier - 10Amp 150Volt
MBR20A150CTH SIRECT-MBR20A150CTH Datasheet
131Kb / 3P
Power Schottky Rectifier - 20Amp 150Volt
MBR20B150CTH SIRECT-MBR20B150CTH Datasheet
145Kb / 4P
Power Schottky Rectifier - 20Amp 150Volt
MBR20U150CTH SIRECT-MBR20U150CTH Datasheet
144Kb / 4P
Power Schottky Rectifier - 20Amp 150Volt
MBR20V150CTH SIRECT-MBR20V150CTH Datasheet
137Kb / 3P
Power Schottky Rectifier - 20Amp 150Volt
MBR30150CT SIRECT-MBR30150CT Datasheet
147Kb / 4P
Power Schottky Rectifier - 30Amp 150Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com