Electronic Components Datasheet Search
  English  ▼

X  

ADP3020 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3020
Description  High-Efficiency Notebook Computer Power Supply Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3020 Datasheet(HTML) 2 Page - Analog Devices

  ADP3020 Datasheet HTML 1Page - Analog Devices ADP3020 Datasheet HTML 2Page - Analog Devices ADP3020 Datasheet HTML 3Page - Analog Devices ADP3020 Datasheet HTML 4Page - Analog Devices ADP3020 Datasheet HTML 5Page - Analog Devices ADP3020 Datasheet HTML 6Page - Analog Devices ADP3020 Datasheet HTML 7Page - Analog Devices ADP3020 Datasheet HTML 8Page - Analog Devices ADP3020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
–2–
REV. 0
ADP3020–SPECIFICATIONS (@ T
A = –40 C to +85 C, VIN = 12 V, SS5 = SS3 = INTVCC, INTVCC Load = 0 mA,
REF Load = 0 mA, MODE = 0 V, SYNC = 0 V, SD = 5 V, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INTERNAL 5 V REGULATOR
INTVCC
Input Voltage Range
5.5
25
V
5 V Voltage
TA = 25
°C
4.95
5.025
5.15
V
Line Regulation
5.5 V
≤ VIN ≤ 25 V
0.3
mV/V
Total Variation
Line, Temp
4.8
5.2
V
Switchover Voltage
AUXVCC from Low to High
4.65
4.75
4.85
V
Switchover Hysteresis
AUXVCC from High to Low
100
mV
Undervoltage Lockout
INTVCC Falling
3.6
3.8
4.2
V
Threshold Voltage
Undervoltage Lockout
120
mV
Hysteresis
REFERENCE
Output Voltage
2
REF
5.5 V
≤ VIN ≤ 25 V
1.185
1.197
1.209
V
SUPPLY CURRENT
IQ
Shutdown Current
SD = 0 V
7
15
µA
Standby Current
SS3 = SS5 = SD2 = 0 V
250
400
µA
SD = 5 V
Quiescent Current
No Loads, MODE = 5 V
0.95
1.8
mA
(PWM Mode)
SS3 = SS5 = SD2 =5 V
FB5 = FB3 = FB2 = 1.25 V,
ADJ/FX5 = ADJ/FX3 = 5 V
Quiescent Current
No Loads, MODE = 0 V
650
µA
(Power-Saving Mode)
SS3 = SS5 = SD2 = 5 V
FB5 = FB3 = FB2 = 1.25 V,
ADJ/FX5 = ADJ/FX3 = 5 V
OSCILLATOR
Frequency
fOSC
SYNC = AGND
176
200
224
kHz
SYNC = REF
264
300
336
kHz
SYNC = INTVCC
352
400
448
kHz
SYNC Input
Frequency Range
230
600
kHz
Input Low Voltage
3
tF
≤ 200 ns
0.4
V
Input High Voltage
3
tR
≤ 200 ns
4.6
V
Input Current
SYNC = REF
1.2
µA
POWER GOOD
PWRGD
Output Voltage In Regulation
10 k
Ω Pull-Up to 5 V
4.8
V
Output Voltage Out of Regulation
10 k
Ω Pull-Up to 5 V
0.4
V
FB5 < 90% of Nominal
Output Value
PWRGD Trip Threshold
FB5 Rising
–8
–4
–2
%
PWRGD Hysteresis
FB5 Falling
4
%
CPOR Pull-Up Current
CPOR = 1.2 V
2.5
µA
ERROR AMPLIFIER
DC Gain
67
dB
Gain-Bandwidth Product
GBW
10
MHz
Input Leakage Current
IEAN
ADJ/FX5 = ADJ/FX3 = 5 V
200
nA
MAIN SMPS CONTROLLERS
Fixed 5 V Output Voltage
FB5
PWM Mode
5.5 V
≤ VIN ≤ 25 V, ADJ/FX5 = 0 V
4.90
5.0
5.10
V
Power-Saving Mode
5.5 V
≤ VIN ≤ 25 V, ADJ/FX5 = 0 V
4.925
5.025
5.125
V
Fixed 3.3 V Output Voltage
FB3
PWM Mode
5.5 V
≤ VIN ≤ 25 V, ADJ/FX3 = 0 V
3.234
3.3
3.366
V
Power-Saving Mode
5.5 V
≤ VIN ≤ 25 V, ADJ/FX3 = 0 V
3.250
3.316
3.382
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com