Electronic Components Datasheet Search
  English  ▼

X  

ADP3300 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3300
Description  High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3300 Datasheet(HTML) 6 Page - Analog Devices

  ADP3300 Datasheet HTML 1Page - Analog Devices ADP3300 Datasheet HTML 2Page - Analog Devices ADP3300 Datasheet HTML 3Page - Analog Devices ADP3300 Datasheet HTML 4Page - Analog Devices ADP3300 Datasheet HTML 5Page - Analog Devices ADP3300 Datasheet HTML 6Page - Analog Devices ADP3300 Datasheet HTML 7Page - Analog Devices ADP3300 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADP3300
–6–
REV. A
THEORY OF OPERATION
The new anyCAP™ LDO ADP3300 uses a single control loop
for regulation and reference functions. The output voltage is
sensed by a resistive voltage divider consisting of R1 and R2
which is varied to provide the available output voltage option.
Feedback is taken from this network by way of a series diode
(D1) and a second resistor divider (R3 and R4) to the input of
an amplifier.
Gm
PTAT
VOS
R4
R3
D1
R1
ATTENUATION
(VBANDGAP/VOUT)
R2
(a)
COMPENSATION
CAPACITOR
NONINVERTING
WIDEBAND
DRIVER
Q1
INPUT
CLOAD
OUTPUT
ADP3300
RLOAD
PTAT
CURRENT
Figure 20. Functional Block Diagram
A very high gain error amplifier is used to control this loop. The
amplifier is constructed in such a way that at equilibrium it
produces a large, temperature proportional input “offset voltage”
that is repeatable and very well controlled. The temperature-
proportional offset voltage is combined with the complimentary
diode voltage to form a “virtual bandgap” voltage, implicit in
the network, although it never appears explicitly in the circuit.
Ultimately, this patented design makes it possible to control the
loop with only one amplifier. This technique also improves the
noise characteristics of the amplifier by providing more flexibil-
ity on the trade-off of noise sources that leads to a low noise design.
The R1, R2 divider is chosen in the same ratio as the bandgap
voltage to the output voltage. Although the R1, R2 resistor
divider is loaded by the diode D1 and a second divider consist-
ing of R3 and R4, the values are chosen to produce a tempera-
ture stable output. This unique arrangement specifically corrects
for the loading of the divider so that the error resulting from
base current loading in conventional circuits is avoided.
The patented amplifier controls a new and unique noninverting
driver that drives the pass transistor, Q1. The use of this special
noninverting driver enables the frequency compensation to
include the load capacitor in a pole splitting arrangement to
achieve reduced sensitivity to the value, type and ESR of the
load capacitance.
Most LDOs place strict requirements on the range of ESR
values for the output capacitor because they are difficult to
stabilize due to the uncertainty of load capacitance and resis-
tance. Moreover, the ESR value, required to keep conventional
LDOs stable, changes depending on load and temperature.
These ESR limitations make designing with LDOs more
difficult because of their unclear specifications and extreme
variations over temperature.
This is no longer true with the ADP3300 anyCAP™ LDO. It
can be used with virtually any capacitor, with no constraint on
the minimum ESR. The innovative design allows the circuit to
be stable with just a small 0.47
µF capacitor on the output.
Additional advantages of the pole splitting scheme include superior
line noise rejection and very high regulator gain, which leads to
excellent line and load regulation. An impressive
±1.4% accuracy is
guaranteed over line, load and temperature.
Additional features of the circuit include current limit, thermal
shutdown and noise reduction. Compared to the standard
solutions that give warning after the output has lost regula-
tion, the ADP3300 provides improved system performance by
enabling the
ERR pin to give warning before the device loses
regulation.
As the chip’s temperature rises above 165
°C, the circuit
activates a soft thermal shutdown, indicated by a signal low
on the
ERR pin, to reduce the current to a safe level.
To reduce the noise gain of the loop, the node of the main
divider network (a) is made available at the noise reduction (NR)
pin, which can be bypassed with a small capacitor (10 nF–100 nF).
APPLICATION INFORMATION
Capacitor Selection: anyCAP™
Output Capacitors: as with any micropower device, output
transient response is a function of the output capacitance. The
ADP3300 is stable with a wide range of capacitor values, types
and ESR (anyCAP™). A capacitor as low as 0.47
µF is all that is
needed for stability. However, larger capacitors can be used if
high output current surges are anticipated. The ADP3300 is
stable with extremely low ESR capacitors (ESR
≈ 0), such as
multilayer ceramic capacitors (MLCC) or OSCON.
Input Bypass Capacitor: an input bypass capacitor is not
required; however, for applications where the input source is
high impedance or far from the input pins, a bypass capacitor is
recommended. Connecting a 0.47
µF capacitor from the input
to ground reduces the circuit’s sensitivity to PC board layout. If
a bigger output capacitor is used, the input capacitor should be
1
µF minimum.
Noise Reduction
A noise reduction capacitor (CNR) can be used to further reduce
the noise by 6 dB–10 dB (Figure 21). Low leakage capacitors in
the 10 nF–100 nF range provide the best performance. For load
current less than 200
µA, a 4.7 µF output capacitor provides the
lowest noise and the best overall performance. Since the noise
reduction pin (NR) is internally connected to a high impedance
node, any connection to this node should be carefully done to
avoid noise pickup from external sources. The pad connected to
this pin should be as small as possible. Long PC board traces
are not recommended.
IN
OUT
GND
ADP3300-5
NR
+
6
1
2
3
4
5
ON
OFF
+
C2
4.7 F
330k
Ω
EOUT
C1
1.0 F
VOUT = +5V
VIN
CNR
10nF
Figure 21. Noise Reduction Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com