Electronic Components Datasheet Search
  English  ▼

X  

ADP3302 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3302
Description  High Precision anyCAP??Dual Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3302 Datasheet(HTML) 8 Page - Analog Devices

  ADP3302 Datasheet HTML 1Page - Analog Devices ADP3302 Datasheet HTML 2Page - Analog Devices ADP3302 Datasheet HTML 3Page - Analog Devices ADP3302 Datasheet HTML 4Page - Analog Devices ADP3302 Datasheet HTML 5Page - Analog Devices ADP3302 Datasheet HTML 6Page - Analog Devices ADP3302 Datasheet HTML 7Page - Analog Devices ADP3302 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
–8–
Phase One: When the input voltage is equal to 3.7 V or higher,
the ADP3000 is off and the ADP3302 operates on its own to
regulate the output voltage. At this phase, current is flowing into
the input pins of the ADP3302 via the inductor L1 and the
Schottky diode. At the same time, the ADP3000 is set into sleep
mode by pulling the FB pin (via R9 and R10 resistor divider
network) to about 10% higher than its internal reference which
is set to be 1.245 V.
Phase Two: As the input voltage drops below 3.7 V, the
decreasing input voltage causes the voltage of the FB pin to be
within 5% of the 1.245 V reference. This triggers the ADP3000
to turn on, providing a 3.4 V regulated output to the inputs of
the ADP3302. The ADP3000 continues to supply the 3.4 V
regulated voltage to the ADP3302 until the input voltage drops
below 2.5 V.
Phase Three: When the input voltage drops below 2.5 V, the
ADP3302 will shut down and the ADP3000 will go into sleep
mode. With the input voltage below 2.5 V, the resistor divider
network, R1 and R2, applies a voltage that is lower than the
ADP3000’s internal 1.245 V reference voltage to the SET pin.
This causes the AO pin to have a voltage close to 0 V, which
causes the ADP3302 to go into shutdown directly and Q1 to
turn on and pull the FB pin 10% or higher than the internal
1.245 V reference voltage. With the FB pin pulled high, the
ADP3000 goes into sleep mode.
80
75
70
65
AT VIN ≤ 2.5V
SHDN IQ = 500µA
IO = 50mA + 50mA
IO = 100mA + 100mA
2.6
3.0
3.4
3.8
4.2
VIN
(V)
Figure 21. Typical Efficiency of the Circuit of Figure 20
Refer to Figure 20. R9 and R10 set the output voltage of the
ADP3000. R1, R2, and R3 set the shutdown threshold voltage
for the circuit. For further details on the ADP3000, please refer
to the ADP3000 data sheet.
Supply Sequencing Circuit
Figure 22 shows a simple and effective way to achieve sequenc-
ing of two different output voltages, 3.3 V and 5 V, in a mixed
supply voltage system. In most cases, these systems need careful
sequencing for the supplies to avoid latchup.
At turn-on, D1 rapidly charges up C1 and enables the 5 V out-
put. After a R2-C2 time constant delay, the 3.3 V output is
enabled. At turn-off, D2 quickly discharges C2 and R3 pulls
SD1 low, turning off the 3.3 V output first. After a R1-C1 time
constant delay, the 5 V output turns off.
ADP3302
2
OUT1
IN
1
8
ERR
VOUT1
3.3V
C5
1µF
5
VIN = 6V TO 12V
GND
SD1
IN
OUT2
VOUT2
5.0V
SD2
C2
0.01µF
C1
0.01µF
C4
0.5µF
C3
0.5µF
ON/OFF
3.3V
D2
D1
R2
220k
Ω
R1
220k
Ω
D3
R3
330k
Ω
4
7
6
3
Figure 22. Turn-On/Turn-Off Sequencing for Mixed Supply
Voltages
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin SOIC
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
REV. 0
ADP3302
3V
100mA
3V
100mA
1µF
6V
(MLC)
1µF
6V
(MLC)
C4
C5
IN
IN
SD
GND
VO2
VO2
ADP3302
C3
100µF
10V
AVX-TPS
R9
348k
Ω
1%
R10
200k
Ω
1%
IN5817
L1
6.6µF
(SUMIDA–CDRH62)
Q1
2N2907
R5
330k
Ω
R6
100k
Ω
R8
10k
Ω
R7
90k
Ω
C2
33nF
R4
120k
Ω
R1
100k
Ω
C1
100µF
10V
AVX-TPS
R3
1M
Ω
R2
90k
Ω
2.5V
→ 4.2V
VIN
ILIM
SET
AO
GND SW2
SW1
FB
ADP3000
Figure 20. Cell Li-Ion to 3 V/200 mA Converter with Shutdown at VIN < 2.5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com