Electronic Components Datasheet Search
  English  ▼

X  

ADP3302AR2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3302AR2
Description  High Precision anyCAP??Dual Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3302AR2 Datasheet(HTML) 5 Page - Analog Devices

  ADP3302AR2 Datasheet HTML 1Page - Analog Devices ADP3302AR2 Datasheet HTML 2Page - Analog Devices ADP3302AR2 Datasheet HTML 3Page - Analog Devices ADP3302AR2 Datasheet HTML 4Page - Analog Devices ADP3302AR2 Datasheet HTML 5Page - Analog Devices ADP3302AR2 Datasheet HTML 6Page - Analog Devices ADP3302AR2 Datasheet HTML 7Page - Analog Devices ADP3302AR2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
–5–
REV. 0
ADP3302
INPUT VOLTAGE – Volts
5.1
616
810
12
14
5.001
5
4.999
4.998
4.997
4.996
4.995
5.5
5.4
5.3
5.2
IL = 0mA
IL = 1mA
IL = 20mA
IL = 100mA
Figure 2. Line Regulation Output
Voltage vs. Supply Voltage on
ADP3302AR5
OUTPUT LOAD – mA
0
050
100
150
200
4
3
2
1
5
IL1 = 0 TO 200mA
IL2 = 0 TO 200mA
IL1 = 0 TO 200mA
IL2 = 0mA
VIN = 7V
Figure 5. Quiescent Current vs. Load
Current
OUTPUT LOAD – mA
250
200
0
0
20
200
40
60
80 100 120 140 160 180
150
100
50
Figure 8. Dropout Voltage vs. Output
Current
Typical Performance Characteristics–
OUTPUT LOAD – mA
5.005
5.000
4.980
025
50
75
4.995
4.990
4.985
VIN = 7V
100
125
150 175
200
Figure 3. Output Voltage vs.
Load Current Up to 200 mA
on ADP3302AR5
TEMPERATURE –
°C
0.2
–0.4
–45 –25
135
–5
15
35
75
95
115
55
0.1
0.0
–0.1
–0.2
–0.3
IL = 0
Figure 6. Output Voltage Variation %
vs. Temperature
INPUT VOLTAGE – Volts
5
0
03
0
43
2
4
2
1
3
2
11
RL = 33Ω
Figure 9. Power-Up/Power-Down on
ADP3302AR3.
SD = 3 V or V
IN
INPUT VOLTAGE – Volts
1
316
5
7
9
11
13
1.6
0.0
1.4
0.8
0.6
0.4
0.2
1.2
1.0
IL = IL2 =0
Figure 4. Quiescent Current vs.
Supply Voltage–ADP3302AR3
TEMPERATURE –
°C
3000
0
–45 –25
135
–5
15
35
75
95
115
55
2500
2000
1500
1000
500
IL1 = 100mA
IL2 = 100mA
IL1 = 100mA
IL2 = 0mA
IL1 = 0mA
IL2 = 0mA
Figure 7. Quiescent Current vs.
Temperature
TIME – µs
0
0
100
200
2.0
VSD = VIN
CL = 0.47µF
RL = 33Ω
1.0
3.0
4.0
5.0
6.0
7.0
8.0
20
40 60
80
120 140 160 180
VIN
VOUT
Figure 10. Power-Up Transient on
ADP3302AR1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com