Electronic Components Datasheet Search
  English  ▼

X  

DBA17W2PFO Datasheet(PDF) 17 Page - ITT Industries

Part # DBA17W2PFO
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBA17W2PFO Datasheet(HTML) 17 Page - ITT Industries

Back Button DBA17W2PFO Datasheet HTML 13Page - ITT Industries DBA17W2PFO Datasheet HTML 14Page - ITT Industries DBA17W2PFO Datasheet HTML 15Page - ITT Industries DBA17W2PFO Datasheet HTML 16Page - ITT Industries DBA17W2PFO Datasheet HTML 17Page - ITT Industries DBA17W2PFO Datasheet HTML 18Page - ITT Industries DBA17W2PFO Datasheet HTML 19Page - ITT Industries DBA17W2PFO Datasheet HTML 20Page - ITT Industries DBA17W2PFO Datasheet HTML 21Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
C
C-17
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Cannon Straight PCB, High Density Receptacle
Military/High Reliability D-Subminiature
High Density Straight PC Tail
Shell Size
Layout
Through Hole
Dual Float Mount
DE
15
DEMA15SM
DEMAY15SM
DA
26
DAMA26SM
DAMAY26SM
DB
44
DBMA26SM
DBMAY44SM
DC
62
DCMA62SM
DCMAY62SM
DD
78
DDMA78SM
DDMAY78SM
DF*
104
DFMA104SM
DFMAY104SM
Dimensions
Receptacle
• For contact cavity arrangements, see pages C-44.
• For P.C. hole pattern, see pages C-47.
• For panel cutouts, see page C-49.
Note: For residual magnetism level of 200 Gamma and shells and
contacts with 50 micro inches (1,27m) gold plating, add NMBK52.
Example DEMA15SMNMBK52 and shells with 50 microinches gold.
For alternate PC tail modifiers (see tabulation), replace 0L3 with M or Z.
Example: DEM9SZNM
Shell
A
B
C
D
E
F
W
K
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,317 (.0125) ± 0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (8,36)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DF
69.34 (2.73)
55,0 (2.16)
63,50 (2.50)
15,49 (0.61)
20,07 (0.79)
16,45 (.648)
6,94 (.273)
1,206 (.0475)
0.76 (.030)
n
o
it
a
r
u
g
if
n
o
C
D
D
X
1,98
(.078)
3,96
(.156)
L
K
Engaging Face
A
C
B
10
°
E
D
Ø 3,05 (.120)
0,51 (.020)
PC Tail Modifiers
X
M
4.01 ± 0,69
(.158 ± .027)
Q
7,62 ± 0,5
(.300 ± .020)
0L3
4,82 ± 1,5
(.190 ± .020)
0L3 for HE501 connectors and ESA equivalents
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com