Electronic Components Datasheet Search
  English  ▼

X  

ADP3330ART-285 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3330ART-285
Description  High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3330ART-285 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3330ART-285 Datasheet HTML 4Page - Analog Devices ADP3330ART-285 Datasheet HTML 5Page - Analog Devices ADP3330ART-285 Datasheet HTML 6Page - Analog Devices ADP3330ART-285 Datasheet HTML 7Page - Analog Devices ADP3330ART-285 Datasheet HTML 8Page - Analog Devices ADP3330ART-285 Datasheet HTML 9Page - Analog Devices ADP3330ART-285 Datasheet HTML 10Page - Analog Devices ADP3330ART-285 Datasheet HTML 11Page - Analog Devices ADP3330ART-285 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADP3330
–11–
REV. A
6-Lead Surface Mount
RT-6 (SOT-23-6)
0.122 (3.10)
0.106 (2.70)
PIN 1
0.071 (1.80)
0.059 (1.50)
0.118 (3.00)
0.098 (2.50)
0.075 (1.90)
BSC
0.037 (0.95) BSC
1
3
4
5
6
2
0.009 (0.23)
0.003 (0.08)
0.022 (0.55)
0.014 (0.35)
10°
0°
0.020 (0.50)
0.010 (0.25)
0.059 (0.15)
0.000 (0.00)
0.051 (1.30)
0.035 (0.90)
SEATING
PLANE
0.057 (1.45)
0.035 (0.90)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com