Electronic Components Datasheet Search
  English  ▼

X  

ADP3335 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3335
Description  High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3335 Datasheet(HTML) 4 Page - Analog Devices

  ADP3335 Datasheet HTML 1Page - Analog Devices ADP3335 Datasheet HTML 2Page - Analog Devices ADP3335 Datasheet HTML 3Page - Analog Devices ADP3335 Datasheet HTML 4Page - Analog Devices ADP3335 Datasheet HTML 5Page - Analog Devices ADP3335 Datasheet HTML 6Page - Analog Devices ADP3335 Datasheet HTML 7Page - Analog Devices ADP3335 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADP3335
–4–
REV. 0
INPUT VOLTAGE – Volts
2.202
2.201
2.194
24
12
68
10
2.198
2.197
2.196
2.195
2.200
2.199
IL = 0
VOUT = 2.2V
500mA
150mA
300mA
Figure 2. Line Regulation Output
Voltage vs. Supply Voltage
OUTPUT LOAD – mA
5.0
0
0
100
500
200
300
400
2.0
1.0
4.0
3.0
Figure 5. Ground Current vs. Load
Current
OUTPUT LOAD – mA
250
200
0
0
100
500
200
300
400
150
100
50
Figure 8. Dropout Voltage vs.
Output Current
–Typical Performance Characteristics
OUTPUT LOAD – mA
2.201
2.200
2.193
0
100
500
200
300
400
2.197
2.196
2.195
2.194
2.199
2.198
VOUT = 2.2V
VIN = 6V
Figure 3. Output Voltage vs. Load
Current
JUNCTION TEMPERATURE – C
1
0.5
–40
105
–15
5
25
45
65
85
0.6
0.9
0.8
0.7
125
0
0.2
0.1
0.4
0.3
–0.2
–0.3
–0.1
–0.4
500mA
0
300mA
0
500mA
Figure 6. Output Voltage Variation %
vs. Junction Temperature
TIME – Sec
0
0.5
1.0
1.5
2.0
2.5
3.0
123
4
VOUT = 2.2V
SD = V
IN
RL = 4.4
Figure 9. Power-Up/Power-Down
INPUT VOLTAGE – Volts
140
60
0
0
12
24
68
10
120
100
40
20
80
VOUT = 2.2V
IL = 100 A
IL = 0
Figure 4. Ground Current vs. Supply
Voltage
JUNCTION TEMPERATURE – C
8
6
–40
105
–15
5
25
456585
7
125
5
3
4
1
2
0
300mA
0
100mA
IL = 500mA
50mA
Figure 7. Ground Current vs. Junction
Temperature
TIME –
s
0
2
4
0
1
2
3
200
VOUT = 2.2V
SD = V
IN
RL = 4.4
COUT = 10 F
COUT = 1 F
400
600
800
Figure 10. Power–Up Response
(TA = 25 C unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com