Electronic Components Datasheet Search
  English  ▼

X  

3625 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3625
Description  3M™ Round Conductor Flat Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3625 Datasheet(HTML) 2 Page - 3M Electronics

  3625 Datasheet HTML 1Page - 3M Electronics 3625 Datasheet HTML 2Page - 3M Electronics 3625 Datasheet HTML 3Page - 3M Electronics 3625 Datasheet HTML 4Page - 3M Electronics 3625 Datasheet HTML 5Page - 3M Electronics 3625 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round Conductor Flat Cable
1.0 mm 28 AWG Stranded, PVC
3625 Series
TS-0452-B
Sheet 2 of 2
Ordering Information
3625 / XX XX
mm
[inch]
Tolerance Unless Noted
.0
.00
.000
Inch
±.3
±.13
[ ] Dimensions for Reference Only
Note: Available in standard 30 m or 100 m rolls, please
specify when ordering. Contact 3M for availability of
additional conductor counts and/or custom roll lengths.
Note: Red marking on one edge of cable designates wire #1.
Number of Conductors
(See Table)
Blank = Standard
SF = Splice Free
Number of
Conductors
3M Part
Number
Dimension A
Dimension B
06
3625/06
6.00 ± 0.20 [ .236 ]
5.00 ± 0.18 [ .197 ]
08
3625/08
8.00 ± 0.20 [ .315 ]
7.00 ± 0.18 [ .276 ]
10
3625/10
10.00 ± 0.20 [ .394 ]
9.00 ± 0.18 [ .354 ]
12
3625/12
12.00 ± 0.20 [ .472 ]
11.00 ± 0.18 [ .433 ]
14
3625/14
14.00 ± 0.20 [ .551 ]
13.00 ± 0.18 [ .512 ]
16
3625/16
16.00 ± 0.22 [ .630 ]
15.00 ± 0.20 [ .591 ]
18
3625/18
18.00 ± 0.22 [ .709 ]
17.00 ± 0.20 [ .669 ]
20
3625/20
20.00 ± 0.22 [ .787 ]
19.00 ± 0.20 [ .748 ]
22
3625/22
22.00 ± 0.22 [ .866 ]
21.00 ± 0.20 [ .827 ]
24
3625/24
24.00 ± 0.22 [ .945 ]
23.00 ± 0.20 [ .906 ]
26
3625/26
26.00 ± 0.22 [ 1.024 ]
25.00 ± 0.20 [ .984 ]
28
3625/28
28.00 ± 0.22 [ 1.102 ]
27.00 ± 0.20 [ 1.063 ]
30
3625/30
30.00 ± 0.25 [ 1.181 ]
29.00 ± 0.23 [ 1.142 ]
32
3625/32
32.00 ± 0.25 [ 1.260 ]
31.00 ± 0.23 [ 1.220 ]
34
3625/34
34.00 ± 0.25 [ 1.339 ]
33.00 ± 0.23 [ 1.299 ]
36
3625/36
36.00 ± 0.25 [ 1.417 ]
35.00 ± 0.23 [ 1.378 ]
38
3625/38
38.00 ± 0.25 [ 1.496 ]
37.00 ± 0.23 [ 1.457 ]
40
3625/40
40.00 ± 0.25 [ 1.575 ]
39.00 ± 0.23 [ 1.535 ]
42
3625/42
42.00 ± 0.25 [ 1.654 ]
41.00 ± 0.23 [ 1.614 ]
44
3625/44
44.00 ± 0.25 [ 1.732 ]
43.00 ± 0.23 [ 1.693 ]
46
3625/46
46.00 ± 0.25 [ 1.811 ]
45.00 ± 0.23 [ 1.772 ]
48
3625/48
48.00 ± 0.25 [ 1.890 ]
47.00 ± 0.23 [ 1.850 ]
50
3625/50
50.00 ± 0.25 [ 1.969 ]
49.00 ± 0.23 [ 1.929 ]
A
B
0.89 ± 0.08
[ .035 ]
1.00 ± 0.05
[ .039 ]
0.50 ± 0.15
[ .020 ]
PVC Insulation
28 AWG 7 × 36 AWG [ 7 ×
ø 0.127 ] Tinned
Stranded Copper Conductors
C
Blank = Standard
C = Canadian Certified Version
(OPTIONAL)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com