Electronic Components Datasheet Search
  English  ▼

X  

ADP3336 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3336
Description  High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3336 Datasheet(HTML) 7 Page - Analog Devices

  ADP3336 Datasheet HTML 1Page - Analog Devices ADP3336 Datasheet HTML 2Page - Analog Devices ADP3336 Datasheet HTML 3Page - Analog Devices ADP3336 Datasheet HTML 4Page - Analog Devices ADP3336 Datasheet HTML 5Page - Analog Devices ADP3336 Datasheet HTML 6Page - Analog Devices ADP3336 Datasheet HTML 7Page - Analog Devices ADP3336 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. 0
ADP3336
–7–
Output Voltage
The ADP3336 has an adjustable output voltage that can be set
by an external resistor divider. The output voltage will be
divided by R1 and R2, and then fed back to the FB pin.
In order to have the lowest possible sensitivity of the output
voltage to temperature variations, it is important that the paral-
lel resistance of R1 and R2 is always 50 k
Ω.
RR
RR
k
12
12
50
×
+
=Ω
Also, for the best accuracy over temperature the feedback volt-
age should be set for 1.178 V:
VV
R
RR
FB
OUT
=×
+


2
12
where VOUT is the desired output voltage and VFB is the “virtual
bandgap” voltage. Note that VFB does not actually appear at the
FB pin due to loading by the internal PTAT current.
Combining the above equations and solving for R1 and R2 gives
the following formulas:
Rk
V
V
R
k
V
V
OUT
FB
FB
OUT
150
2
50
1
=Ω ×
=
Ω


–
Table I. Feedback Resistor Selection
VOUT
R1 (1% Resistor)
R2 (1% Resistor)
1.5 V
63.4 k
Ω
232 k
Ω
1.8 V
76.8 k
Ω
147 k
Ω
2.2 V
93.1 k
Ω
107 k
Ω
2.7 V
115 k
Ω
88.7 k
Ω
3.3 V
140 k
Ω
78.7 k
Ω
5 V
210 k
Ω
64.9 k
Ω
10 V
422 k
Ω
56.2 k
Ω
Paddle-Under-Lead Package
The ADP3336 uses a proprietary paddle-under-lead package
design to ensure the best thermal performance in an MSOP-8
footprint. This new package uses an electrically isolated die
attach that allows all pins to contribute to heat conduction.
This technique reduces the thermal resistance to 110
°C/W on a
4-layer board as compared to >160
°C/W for a standard MSOP-8
leadframe. Figure 4 shows the standard physical construction
of the MSOP-8 and the paddle-under-lead leadframe.
DIE
Figure 4. Thermally Enhanced Paddle-Under-Lead Package
Thermal Overload Protection
The ADP3336 is protected against damage from excessive power
dissipation by its thermal overload protection circuit which limits
the die temperature to a maximum of 165
°C. Under extreme
conditions (i.e., high ambient temperature and power dissipation)
where die temperature starts to rise above 165
°C, the output
current is reduced until the die temperature has dropped to a
safe level. The output current is restored when the die tempera-
ture is reduced.
Current and thermal limit protections are intended to protect
the device against accidental overload conditions. For normal
operation, device power dissipation should be externally limited
so that junction temperatures will not exceed 150
°C.
Calculating Junction Temperature
Device power dissipation is calculated as follows:
PD = (VIN – VOUT) ILOAD + (VIN) IGND
Where ILOAD and IGND are load current and ground current, VIN
and VOUT are input and output voltages respectively.
Assuming ILOAD = 400 mA, IGND = 4 mA, VIN = 5.0 V and
VOUT = 3.3 V, device power dissipation is:
PD = (5 – 3.3) 400 mA + 5.0(4 mA) = 700 mW
The proprietary package used in the ADP3336 has a thermal
resistance of 110
°C/W, significantly lower than a standard
MSOP-8 package. Assuming a 4-layer board, the junction tem-
perature rise above ambient temperature will be approximately
equal to:
∆TW
C
C
A
J
=×
° =
°
0 700
110
77 0
..
To limit the maximum junction temperature to 150
°C, maxi-
mum allowable ambient temperature will be:
TAMAX = 150
°C – 77.0°C = 73.0°C
Printed Circuit Board Layout Consideration
All surface mount packages rely on the traces of the PC board to
conduct heat away from the package.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com