Electronic Components Datasheet Search
  English  ▼

X  

ADP3414 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3414
Description  Dual Bootstrapped MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3414 Datasheet(HTML) 2 Page - Analog Devices

  ADP3414 Datasheet HTML 1Page - Analog Devices ADP3414 Datasheet HTML 2Page - Analog Devices ADP3414 Datasheet HTML 3Page - Analog Devices ADP3414 Datasheet HTML 4Page - Analog Devices ADP3414 Datasheet HTML 5Page - Analog Devices ADP3414 Datasheet HTML 6Page - Analog Devices ADP3414 Datasheet HTML 7Page - Analog Devices ADP3414 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
ADP3414–SPECIFICATIONS1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY
Supply Voltage Range
VCC
4.15
7.5
V
Quiescent Current
ICCQ
12
mA
PWM INPUT
Input Voltage High
2
2.3
V
Input Voltage Low
2
0.8
V
HIGH-SIDE DRIVER
Output Resistance, Sourcing Current
VBST – VSW = 5 V
3.0
5.0
Ω
VBST – VSW = 7 V
2.0
3.5
Ω
Output Resistance, Sinking Current
VBST – VSW = 5 V
1.25
2.5
Ω
VBST – VSW = 7 V
1.0
2.5
Ω
Transition Times
3 (See Figure 2)
trDRVH
VBST – VSW = 7 V, CLOAD = 3 nF
36
47
ns
tfDRVH
VBST – VSW = 7 V, CLOAD = 3 nF
20
30
ns
Propagation Delay
3, 4 (See Figure 2)
tpdhDRVH
VBST – VSW = 7 V
65
86
ns
tpdlDRVH
VBST – VSW = 7 V
21
32
ns
LOW-SIDE DRIVER
Output Resistance, Sourcing Current
VCC = 5 V
3.0
5.0
Ω
VCC = 7 V
2.0
3.5
Ω
Output Resistance, Sinking Current
VCC = 5 V
1.5
3.0
Ω
VCC = 7 V
1.0
2.5
Ω
Transition Times
3 (See Figure 2)
trDRVL
VCC = 7 V, CLOAD = 3 nF
27
35
ns
tfDRVL
VCC = 7 V, CLOAD = 3 nF
19
26
ns
Propagation Delay
3, 4 (See Figure 2)
tpdhDRVL
VCC = 7 V
30
35
ns
tpdlDRVL
VCC = 7 V
15
25
ns
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
2Logic inputs meet typical CMOS I/O conditions for source/sink current (~1
µA).
3AC specifications are guaranteed by characterization, but not production tested.
4For propagation delays, “tpdh” refers to the specified signal going high; “tpdl” refers to it going low.
Specifications subject to change without notice.
(TA = 0 C to 70 C, VCC = 7 V, BST = 4 V to 26 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com