Electronic Components Datasheet Search
  English  ▼

X  

ADP3414JR Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3414JR
Description  Dual Bootstrapped MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3414JR Datasheet(HTML) 7 Page - Analog Devices

  ADP3414JR Datasheet HTML 1Page - Analog Devices ADP3414JR Datasheet HTML 2Page - Analog Devices ADP3414JR Datasheet HTML 3Page - Analog Devices ADP3414JR Datasheet HTML 4Page - Analog Devices ADP3414JR Datasheet HTML 5Page - Analog Devices ADP3414JR Datasheet HTML 6Page - Analog Devices ADP3414JR Datasheet HTML 7Page - Analog Devices ADP3414JR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. 0
ADP3414
–7–
Printed Circuit Board Layout Considerations
Use the following general guidelines when designing printed
circuit boards:
1. Trace out the high-current paths and use short, wide traces
to make these connections.
2. Connect the PGND pin of the ADP3414 as close as possible
to the source of the lower MOSFET.
3. The VCC bypass capacitor should be located as close as
possible to VCC and PGND pins.
IN
VCC
BST
DRVH
SW
DRVL
PGND
8
7
6
5
1
2
3
4
U2
ADP3414
NC
+
+
+
+
+
+
VID4
VCC
U1
ADP3160
VID3
VID2
VID1
VID0
COMP
FB
CT
REF
CS–
PWM1
PWM2
CS+
PWRGND
GND
IN
VCC
BST
DRVH
SW
DRVL
PGND
8
7
6
5
1
2
3
4
U3
ADP3414
NC
Q1
FDB7030L
Q3
FDB7030L
Q2
FDB8030L
L2
600nH
C11 C16 C17 C18 C19 C20 C27 C28
+
+
VCC (CORE)
1.1V – 1.85V
53.4A
VCC (CORE)
RTN
1200 F
8
OS–CON 2.5V
11m
ESR (EACH)
L1
600nH
Q4
FDB8030L
C5
1 F
C9
1 F
D1
MBR052LTI
R4
4m
R7
20
R5
2.4k
C26
4.7 F
Z1
ZMM5236BCT
Q5
2N3904
C22
1nF
C4
4.7 F
R6
10
C21
15nF
C6
1 F
C10
1 F
D2
MBR052LTI
FROM
CPU
RZ
1.1k
C1
150pF
COC
1.4nF
RB
11.5k
R1
1k
C2
100pF
RA
34.0k
C15
C14
C13
C12
VIN
12V
VINRTN
270 F
4
OS–CON 16V
NC = NO CONNECT
C23
10 F
C24
10 F
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Figure 3. 53.4 A Intel CPU Supply Circuit
Typical Application Circuits
The circuit in Figure 3 shows how two drivers can be com-
bined with the ADP3160 to form a total power conversion
solution for VCC(CORE) generation in a high-current Intel CPU
computer. Figure 4 gives a similar application circuit for a
45 A AMD processor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com