Electronic Components Datasheet Search
  English  ▼

X  

ADP3422 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3422
Description  IMVP-II-Compliant Core Power Controller for Mobile CPUs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3422 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3422 Datasheet HTML 5Page - Analog Devices ADP3422 Datasheet HTML 6Page - Analog Devices ADP3422 Datasheet HTML 7Page - Analog Devices ADP3422 Datasheet HTML 8Page - Analog Devices ADP3422 Datasheet HTML 9Page - Analog Devices ADP3422 Datasheet HTML 10Page - Analog Devices ADP3422 Datasheet HTML 11Page - Analog Devices ADP3422 Datasheet HTML 12Page - Analog Devices ADP3422 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. 0
–9–
Typical Performance Characteristics–ADP3422
TEMPERATURE – C
10000
1000
0.1
0
100
20
40
60
80
100
10
1
NORMAL OPERATING MODE
UVLO MODE
SHUTDOWN MODE
TPC 1. Supply Current vs. Temperature
AMBIENT TEMPERATURE – C
1.765
0.595
0
100
20
40
60
80
0.600
0.605
+0.85%
–0.85%
1.750
1.735
ZERO SCALE
FULL SCALE
–0.85%
+0.85%
TPC 2. DAC Output Voltage vs. Temperature
RELATIVE CORE VOLTAGE – %
HIGH
LOW
–15
15
–10
–55
10
0
TPC 3. Power Good vs. Relative Core Voltage Variation
100
–100
020
40
60
80
100
0
OUT = HIGH, RHYS = 17k
OUT = HIGH, RHYS = 170k
OUT = LOW, RHYS = 170k
OUT = LOW, RHYS = 17k
TEMPERATURE – C
TPC 4. Core Hysteresis Current vs. Temperature
TEMPERATURE – C
0
–350
020
40
60
80
100
–200
OUT = HIGH, RHYSSET = 17k
OUT = HIGH, RHYSSET = 170k
OUT = LOW, RHYSSET = 17k
–50
–100
–150
–250
–300
OUT = LOW, RHYSSET = 170k
TPC 5. Current Limit Programming Current
vs. Temperature
100
0.01
0.1
1
10
100
1
10
0.1
TIMING CAPACITANCE – nF
TPC 6. Soft-Start Time vs. Timing Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com