Electronic Components Datasheet Search
  English  ▼

X  

ADP3802 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3802
Description  High Frequency Switch Mode Dual Li-Ion Battery Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3802 Datasheet(HTML) 5 Page - Analog Devices

  ADP3802 Datasheet HTML 1Page - Analog Devices ADP3802 Datasheet HTML 2Page - Analog Devices ADP3802 Datasheet HTML 3Page - Analog Devices ADP3802 Datasheet HTML 4Page - Analog Devices ADP3802 Datasheet HTML 5Page - Analog Devices ADP3802 Datasheet HTML 6Page - Analog Devices ADP3802 Datasheet HTML 7Page - Analog Devices ADP3802 Datasheet HTML 8Page - Analog Devices ADP3802 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Typical Performance Characteristics–ADP3801/ADP3802
–5–
REV. 0
VBAT ACCURACY – %
0
–0.5
20
–0.4
–0.3
–0.1
0.1
0.3
0.5
–0.2
0
0.2
0.4
0.6
40
60
80
100
VCC = 10V
TA = +25 C
Figure 2. VBAT Accuracy Distribution
VADJ – Volts
0
0.5
1.0
1.5
2.0
3.0
3.5
–15
–10
–5
0
5
10
15
2.5
VCC = 10V
TA = +25 C
Figure 5. VBAT Percent Change vs. VADJ
LDO LOAD CURRENT – mA
01
2
3
4
6
7
3.3
3.4
3.5
3.6
3.7
58
9
10
TA = +25 C
Figure 8. UVLO Trip Point-Off vs.
LDO Load Current
TEMPERATURE – C
–0.4
–40
VCC = 10V
–20
0
20
40
60
80
100
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
Figure 3. VBAT Accuracy vs.
Temperature
TEMPERATURE – C
–40
–20
0
20
40
80
100
6
7
8
9
10
60
VCC = 10V
5
Figure 6. Overvoltage Comparator
Threshold vs. Temperature
TEMPERATURE – C
–40
–0.3
–0.2
–0.1
0
0.1
0.3
0.2
–20
0
20
40
60
80
100
VCC = 10V
Figure 9. LDO Accuracy vs.
Temperature
SUPPLY VOLTAGE – Volts
TA = +25 C
VBAT = 4.2V
6
8
10
12
14
18
20
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
16
Figure 4. VBAT Accuracy vs. Supply
Voltage
TEMPERATURE – C
–40
–20
0
20
40
80
100
180
185
190
195
200
60
VCC = 10V
Figure 7. Overcurrent Comparator
Threshold vs. Temperature
SUPPLY VOLTAGE – Volts
46
8
10
12
16
18
0
0.1
0.2
14
20
TA = +25 C
–0.2
–0.1
Figure 10. LDO Accuracy vs. Supply
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com