Electronic Components Datasheet Search
  English  ▼

X  

ADP3806 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3806
Description  High-Frequency Switch Mode Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3806 Datasheet(HTML) 2 Page - Analog Devices

  ADP3806 Datasheet HTML 1Page - Analog Devices ADP3806 Datasheet HTML 2Page - Analog Devices ADP3806 Datasheet HTML 3Page - Analog Devices ADP3806 Datasheet HTML 4Page - Analog Devices ADP3806 Datasheet HTML 5Page - Analog Devices ADP3806 Datasheet HTML 6Page - Analog Devices ADP3806 Datasheet HTML 7Page - Analog Devices ADP3806 Datasheet HTML 8Page - Analog Devices ADP3806 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
ADP3806–SPECIFICATIONS1 (@ 0 C £ T
A
£ 100 C, VCC = 16 V, unless otherwise noted.)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
BATTERY SENSE INPUT
ADP3806-12.6 V and 16.8 V
ADP3806-12.525 V and 16.7 V
TA = 25
∞C, 13 V £ VCC £ 20 V
VBAT
–0.4
+0.4
%
5
∞C £ TA £ 55∞CVBAT
–0.6
+0.6
%
0
∞C £ TA £ 85∞CVBAT
–0.7
+0.7
%
Input Resistance
Part in Operation
RBAT
250
350
k
W
Input Current
Part in Shutdown
IBAT(SD)
0.2
1.0
mA
BATTERY SENSE INPUT
ADP3806
VBAT = 2.5 V
TA = 25
∞C, 13 V £ VCC £ 20 V
VBAT
–0.5
+0.5
%
0
∞C £ TA £ 85∞CVBAT
–0.7
+0.7
%
Input Current Operating
BATSEL = Open, Part in Operation
0.2
1.0
mA
Input Current Shutdown
BATSEL = 100 k
W to GND, Part in Shutdown
0.2
1.0
mA
OSCILLATOR
Maximum Frequency
2
fCT
1000
kHz
Frequency Variation
3
CT = 180 pF
fCT
210
250
290
kHz
CT Charge Current
ICT
125
150
175
mA
0% Duty Cycle Threshold
@ COMP Pin
1.0
V
Maximum Duty Cycle Threshold
@ COMP Pin
2.5
V
SYNC Input High
SYNCH
2.2
V
SYNC Input Low
SYNCL
0.8
V
SYNC Input Current
ISYNC
0.2
1.0
mA
GATE DRIVE
On Resistance
IL = 10 mA
RON
610
W
Rise, Fall Time
CL = 1 nF, DRVL and DRVH
tr, tf
35
ns
Overlap Protection Delay
DRVL Falling to DRVH Rising,
tOP
50
ns
DRVH Falling to DRVL Rising
SW Bias Current
Part in Shutdown, VSW = 12.6 V
0.2
1.0
mA
BST Cap Refresh Threshold
VBST – VSW
3.7
V
CURRENT SENSE AMPLIFIER
Input Common-Mode Range
VCS+ and VCS–
VCS(CM)
0.0
VCC + 0.3
V
Input Differential Mode Range
VCS
4
VCS(DM)
0.0
160
mV
Input Offset Voltage
5
0 V
£ VCS(CM) £ VCC
VCS(VOS)
1.0
mV
Gain
5
25
V/V
Input Bias Current
0 V
£ VCS(CM) £ VCC, Part in Operation
VCS(IB)
50
100
mA
Input Offset Current
0 V
£ VCS(CM) £ VCC
VCS(IOS)
1.0
2.0
mA
Input Bias Current
Part in Shutdown
0.2
1.0
mA
DRVL Shutdown Threshold
Measured between VCS+ and VCS–
VCS(SD)48
mV
SYSTEM CURRENT SENSE
6
Input Common-Mode Range
SYS+ and SYS–, IL = 0 mA, VISYS = 3 V
VSYS(CM)
4.0
VCC + 0.3
V
Input Differential Range
(VSYS+) – (VSYS–)VSYS(DM)
0
100
mV
Input Offset Voltage
0.5
mV
Input Bias Current, SYS+
VSYS(DM) = 0 V, VSYS(CM) = 16 V
IB(SYS+)
200
300
mA
Input Bias Current, SYS–
VSYS(DM) = 0 V, VSYS(CM) = 16 V
IB(SYS–)
70
125
mA
Voltage Gain
10 V
£ VSYS(CM) £ VCC + 0.3 V, IL = 100 mA
48.5
50
51.5
V/V
Output Range
IL = 1 mA
7, V
SYS(CM) > 6 V
VISYS
0
5.0
V
Limit Output Threshold
VLIMIT
£ 0.2 V, 50 kW Pull-up to 5 V
VTH(LIMIT)
2.3
2.5
2.7
V
Limit Output Voltage
VISYS > 2.65 V, ISINK = 700
mAVO(LIMIT)
0.1
0.2
V
ISET INPUT
Charge Current Programming
Function
0.0 V < VISET
£ 4.0 V
VISET/VCS
25
V/V
Programming Function Accuracy
VISET = 4.0 V, 1 V
£ VCS(CM) £ 16 V
–5
±1.0
+5
%
VISET = 0.50 V, 1 V
£ VCS(CM) £ 10 V
–30
±10
+30
%
5
∞C £ TA £ 55∞C, VISET = 206 mV,
–46.7
+33
%
VCS(CM) = 5 V and 10 V
ISET Bias Current
0.0 V
£ VISET £ 4.0 V
IB
0.2
1.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com