Electronic Components Datasheet Search
  English  ▼

X  

ADP3820 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3820
Description  Lithium-Ion Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3820 Datasheet(HTML) 5 Page - Analog Devices

  ADP3820 Datasheet HTML 1Page - Analog Devices ADP3820 Datasheet HTML 2Page - Analog Devices ADP3820 Datasheet HTML 3Page - Analog Devices ADP3820 Datasheet HTML 4Page - Analog Devices ADP3820 Datasheet HTML 5Page - Analog Devices ADP3820 Datasheet HTML 6Page - Analog Devices ADP3820 Datasheet HTML 7Page - Analog Devices ADP3820 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADP3820
–5–
REV. A
TEMPERATURE – C
1.100
0.500
–40
80
–20
0
20
40
60
1.000
0.900
0.800
0.700
0.600
VIN = 5.1V
ILOAD = 10mA
Figure 8. Quiescent Current vs. Temperature*
INPUT VOLTAGE – V
00
12345
4
321
4.5
4.0
0
2.0
1.5
1.0
0.5
3.0
2.5
3.5
ILOAD = 10mA
Figure 9. Power-Up/Power-Down*
4.2
4.1
4.0
5.5
7.0
ILOAD = 10mA
COUT = 10 F
Figure 10. Line Transient Response (10
µF Output Cap)*
TEMPERATURE – C
4.230
4.110
–40
80
–20
0
20
40
60
4.210
4.190
4.170
4.150
4.130
4.090
4.070
VOUT = 4.2V
VOUT = 4.1V
Figure 11. VOUT vs. Temperature, VIN = 5.1 V, ILOAD = 10 mA*
FREQUENCY – Hz
0
–100
10
1M
–50
100
1k
10k
100k
–10
–20
–30
–40
–60
–70
–80
–90
10M
CLOAD = 10 F
ILOAD = 1mA
Figure 12. Ripple Rejection*
ILOAD – mA
5.000
4.000
0.000
0
140
20
40
60
80
100
120
3.000
2.000
VIN = 5.1V
RS = 0.5
1.000
Figure 13. Current Limit Foldback*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com