Electronic Components Datasheet Search
  English  ▼

X  

EGZ20GCTH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # EGZ20GCTH
Description  GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

EGZ20GCTH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  EGZ20GCTH Datasheet HTML 1Page - Zowie Technology Corporation EGZ20GCTH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES EGZ20DCTH THRU EGZ20JCTH
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
CASE TEMPERATURE, ℃
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
0
0
4
8
20
20
16
12
25
50
75
100
125
175
150
0.1
1.0
10
50
0.4
0.2
0.6
0.8
1.0
1.4
1.2
1.8
1.6
Zowie Technology Corporation
REV. 2
TJ = 25℃
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
.1
10
.2
.4
1.0
2
4
10
20
40
100
100
1000
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
100
10
1.0
0.1
100
80
60
40
20
0
1000
TJ = 25℃
TJ = 100℃
TJ = 125℃
EGZ20DCTH
EGZ20GCTH
EGZ20JCTH
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
0
25
50
100
75
150
125
1
10
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com