Electronic Components Datasheet Search
  English  ▼

X  

ADR290 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR290
Description  Low Noise Micropower Precision Voltage References
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR290 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR290 Datasheet HTML 4Page - Analog Devices ADR290 Datasheet HTML 5Page - Analog Devices ADR290 Datasheet HTML 6Page - Analog Devices ADR290 Datasheet HTML 7Page - Analog Devices ADR290 Datasheet HTML 8Page - Analog Devices ADR290 Datasheet HTML 9Page - Analog Devices ADR290 Datasheet HTML 10Page - Analog Devices ADR290 Datasheet HTML 11Page - Analog Devices ADR290 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
REV. B
ADR290/ADR291/ADR292
–8–
TEMPERATURE – C
14
12
4
–50
125
–25
0
255075
100
10
8
6
VS = 5V
ADR290
ADR291
ADR292
TPC 7. ADR290/ADR291/ADR292 Supply Current vs.
Temperature
TEMPERATURE – C
100
80
0
–50
125
–25
0
255075
100
60
40
20
ADR290: VS = 2.7V TO 15V
ADR291: VS = 3.0V TO 15V
ADR292: VS = 4.5V TO 15V
ADR290
ADR292
ADR291
IOUT = 0mA
TPC 8. ADR290/ADR291/ADR292 Line Regulation vs.
Temperature
TEMPERATURE – C
100
80
0
–50
125
–25
0
255075
100
60
40
20
ADR290: VS = 2.7V TO 7.0V
ADR291: VS = 3.0V TO 7.0V
ADR292: VS = 4.5V TO 9.0V
ADR292
ADR290
IOUT = 0mA
ADR291
TPC 9. ADR290/ADR291/ADR292 Line Regulation vs.
Temperature
LOAD CURRENT – mA
0.7
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.6
0.5
0.4
0.3
0.2
0.1
TA = +25 C
TA = –40 C
TA = +125 C
TPC 10. ADR290 Minimum Input-Output Voltage
Differential vs. Load Current
LOAD CURRENT – mA
0.7
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.6
0.5
0.4
0.3
0.2
0.1
TA = +25 C
TA = –40 C
TA = +125 C
TPC 11. ADR291 Minimum Input-Output Voltage
Differential vs. Load Current
LOAD CURRENT – mA
0.7
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.6
0.5
0.4
0.3
0.2
0.1
TA = +25 C
TA = –40 C
TA = +125 C
TPC 12. ADR292 Minimum Input-Output Voltage
Differential vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com