Electronic Components Datasheet Search
  English  ▼

X  

ADR291 Datasheet(PDF) 14 Page - Analog Devices

Part # ADR291
Description  Low Noise Micropower Precision Voltage References
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR291 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR291 Datasheet HTML 7Page - Analog Devices ADR291 Datasheet HTML 8Page - Analog Devices ADR291 Datasheet HTML 9Page - Analog Devices ADR291 Datasheet HTML 10Page - Analog Devices ADR291 Datasheet HTML 11Page - Analog Devices ADR291 Datasheet HTML 12Page - Analog Devices ADR291 Datasheet HTML 13Page - Analog Devices ADR291 Datasheet HTML 14Page - Analog Devices ADR291 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
REV. B
ADR290/ADR291/ADR292
–14–
A1
1 F
100k
VOUT
GND
VIN
ADR29x
+VOUT
SENSE
A1 = 1/2 OP295
VIN
RLW
RL
RLW
+VOUT
FORCE
Figure 6. Advantage of Kelvin Connection
Low Power, Low Voltage Reference For Data Converters
The ADR29x family has a number of features that makes it
ideally suited for use with A/D and D/A converters. The low
supply voltage required makes it possible to use the ADR290
and ADR291 with today’s converters that run on 3 V supplies
without having to add a higher supply voltage for the reference.
The low quiescent current (12
µA max) and low noise, tight
temperature coefficient, combined with the high accuracy of
the ADR29x makes it ideal for low power applications such
as hand-held, battery operated equipment.
One such ADC for which the ADR291 is well suited is the
AD7701. Figure 7 shows the ADR291 used as the reference for
this converter. The AD7701 is a 16-bit A/D converter with on-
chip digital filtering intended for the measurement of wide
dynamic range, low frequency signals such as those representing
chemical, physical or biological processes. It contains a charge
balancing (sigma-delta) ADC, calibration microcontroller with
on-chip static RAM, a clock oscillator and a serial communica-
tions port.
This entire circuit runs on
±5 V supplies. The power dissipation
of the AD7701 is typically 25 mW and, when combined with
the power dissipation of the ADR291 (60
µW), the entire circuit
still consumes about 25 mW.
BP/
UP
CAL
VREF
AIN
AGND
AVSS
AVDD
DVDD
SLEEP
MODE
DRDY
SCLK
CS
SDATA
CLKIN
CLKOUT
SC1
SC2
DGND
DVSS
0.1 F
DATA READY
READ (TRANSMIT)
SERIAL CLOCK
SERIAL CLOCK
0.1 F
10 F
0.1 F
–5V
ANALOG
SUPPLY
ANALOG
GROUND
ANALOG
INPUT
CALIBRATE
RANGES
SELECT
0.1 F
ADR291
0.1 F
GND
VIN
VOUT
+5V
ANALOG
SUPPLY
10 F
0.1 F
AD7701
Figure 7. Low Power, Low Voltage Supply Reference for
the AD7701
Voltage Regulator For Portable Equipment
The ADR29x family of references is ideal for providing a stable,
low cost and low power reference voltage in portable equipment
power supplies. Figure 8 shows how the ADR290/ADR291/
ADR292 can be used in a voltage regulator that not only has
low output noise (as compared to switch mode design) and
low power, but also a very fast recovery after current surges.
Some precautions should be taken in the selection of the out-
put capacitors. Too high an ESR (Effective Series Resistance)
could endanger the stability of the circuit. A solid tantalum
capacitor, 16 V or higher, and an aluminum electrolytic capacitor,
10 V or higher, are recommended for C1 and C2, respectively.
Also, the path from the ground side of C1 and C2 to the ground
side of R1 should be kept as short as possible.
ADR29x
VOUT
GND
VIN
0.1 F
LEAD-ACID
BATTERY
+
6V
CHARGER
INPUT
R1
402k
1%
R2
402k
1%
+ C2
1000 F
ELECT
C1
68 F
TANT
+
5V, 100mA
IRF9530
R3
510k
OP20
TEMP
Figure 8. Voltage Regulator for Portable Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com