Electronic Components Datasheet Search
  English  ▼

X  

CPC2317N Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC2317N
Description  Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC2317N Datasheet(HTML) 4 Page - IXYS Corporation

  CPC2317N Datasheet HTML 1Page - IXYS Corporation CPC2317N Datasheet HTML 2Page - IXYS Corporation CPC2317N Datasheet HTML 3Page - IXYS Corporation CPC2317N Datasheet HTML 4Page - IXYS Corporation CPC2317N Datasheet HTML 5Page - IXYS Corporation CPC2317N Datasheet HTML 6Page - IXYS Corporation CPC2317N Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R03
CPC2317N
FORM-A PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
1.0
1.2
1.4
1.6
1.1
1.3
1.5
Turn-On (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mA, TA=25ºC)
0.26
0.30
0.34
0.38
0.36
0.32
0.28
Turn-Off (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
L=100mA, IF=5mA, TA=25ºC)
35
30
25
20
15
10
5
0
On-Resistance ( )
6.8
6.9
7.1
7.0
7.4
7.2
7.3
Typical On-Resistance Distribution
(N=50, I
L=100mA, TA=25ºC)
LED Forward Current (mA)
0
5
1015202530354045
3.0
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
50
Typical Turn-On vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
Typical Turn-Off vs. LED Forward Current
(I
L=100mA)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
Typical Load Current vs. Load Voltage
(T
A=25ºC, IF=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
3.5
Typical Turn-On vs. Temperature
(I
L=50mA)
I
F=2mA
I
F=5mA
-40
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
Typical Turn-Off vs. Temperature
(I
L=50mA)
Temperature (ºC)
I
F=5mA
I
F=2mA
-40
14
12
10
8
6
4
-20
0
20
40
60
80
100
2
Steady State
Instantaneous
I
F=5mA
I
F=5mA
I
F=2mA
Temperature (ºC)
Typical On-Resistance vs. Temperature
(I
L=Max Rated @ Temperature)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
(Measured Across Pins 5&6)
(I
F=0mA, VL=60V)
Temperature (ºC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com