Electronic Components Datasheet Search
  English  ▼

X  

CPC7583 Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC7583
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7583 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button CPC7583_12 Datasheet HTML 2Page - IXYS Corporation CPC7583_12 Datasheet HTML 3Page - IXYS Corporation CPC7583_12 Datasheet HTML 4Page - IXYS Corporation CPC7583_12 Datasheet HTML 5Page - IXYS Corporation CPC7583_12 Datasheet HTML 6Page - IXYS Corporation CPC7583_12 Datasheet HTML 7Page - IXYS Corporation CPC7583_12 Datasheet HTML 8Page - IXYS Corporation CPC7583_12 Datasheet HTML 9Page - IXYS Corporation CPC7583_12 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
6
www.ixysic.com
R07
CPC7583
1.6.2 Ringing Return Switch, SW3
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-state leakage current
+25° C
VSW (differential) = -320 V to gnd
VSW (differential) = +260 V to -60 V
ISW
-
0.1
1
A
+85° C
VSW (differential) = -330 V to gnd
VSW (differential) = +270 V to -60 V
0.3
-40° C
VSW (differential) = -310 V to gnd
VSW (differential) = +250 V to -60 V
0.1
RON
+25° C
ISW(on) = ±0 mA, ±10 mA
RON
-
60
-
+85° C
85
110
-40° C
45
-
DC current limit
+25° C
VSW (on) = ± 10 V
ISW
-
120
-
mA
+85° C
70
85
-40° C
-
210
Dynamic current limit
(t
0.5 s)
Break switches off, ringing switches on,
apply ±1 kV 10x1000
s pulse, with
appropriate protection in place.
2.5
A
Logic input to switch output isolation
+25° C
VSW (TRING, TLINE) = ±320 V, logic
inputs = gnd
ISW
-
0.1
1
A
+85° C
VSW (TRING, TLINE) = ±330 V, logic
inputs = gnd
0.3
-40° C
VSW (TRING, TLINE) = ±310 V, logic
inputs = gnd
0.1
dv/dt sensitivity
-
-
-
200
-
V/
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com