Electronic Components Datasheet Search
  English  ▼

X  

ADR421AR Datasheet(PDF) 8 Page - Analog Devices

Part # ADR421AR
Description  Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421AR Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR421AR Datasheet HTML 4Page - Analog Devices ADR421AR Datasheet HTML 5Page - Analog Devices ADR421AR Datasheet HTML 6Page - Analog Devices ADR421AR Datasheet HTML 7Page - Analog Devices ADR421AR Datasheet HTML 8Page - Analog Devices ADR421AR Datasheet HTML 9Page - Analog Devices ADR421AR Datasheet HTML 10Page - Analog Devices ADR421AR Datasheet HTML 11Page - Analog Devices ADR421AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. B
–8–
ADR420/ADR421/ADR423/ADR425
0
1
2
3
4
5
6
–40
–10
20
50
80
110
TEMPERATURE – C
125
VIN = 4.5V TO 15V
TPC 13. ADR420 Line Regulation vs. Temperature
0
1
2
3
4
5
6
–40
–10
20
50
80
110
TEMPERATURE – C
125
VIN = 5V TO 15V
TPC 14. ADR421 Line Regulation vs. Temperature
TEMPERATURE – C
–40
9
7
5
4
3
2
1
0
–10
20
50
80
110
VIN = 5V TO 15V
8
6
TPC 15. ADR423 Line Regulation vs. Temperature
TEMPERATURE – C
–40
14
10
8
6
4
2
0
–10
20
50
80
110
VIN = 7.5V TO 15V
12
125
TPC 16. ADR425 Line Regulation vs. Temperature
LOAD CURRENT – mA
0
0
12345
0.5
1.0
1.5
2.0
2.5
–40 C
+25 C
+85 C
TPC 17. ADR420 Minimum Input-Output Voltage
Differential vs. Load Current
LOAD CURRENT – mA
0
0
12345
0.5
1.0
1.5
2.0
2.5
–40 C
+25 C
+125 C
TPC 18. ADR421 Minimum Input-Output Voltage
Differential vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com