Electronic Components Datasheet Search
  English  ▼

X  

IAA110P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IAA110P
Description  Integrated Telecom Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IAA110P Datasheet(HTML) 1 Page - IXYS Corporation

  IAA110P Datasheet HTML 1Page - IXYS Corporation IAA110P Datasheet HTML 2Page - IXYS Corporation IAA110P Datasheet HTML 3Page - IXYS Corporation IAA110P Datasheet HTML 4Page - IXYS Corporation IAA110P Datasheet HTML 5Page - IXYS Corporation IAA110P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-IAA110P-R05
1
IAA110P
Integrated Telecom Circuits
e3
Pb
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
The IAA110P Multifunction Telecom switch combines
two 350V normally open (1-Form-A) relays and one
optocoupler in a single package. The relays use
optically coupled MOSFET technology to provide
3750V
rms of input to output isolation. The efficient
MOSFET switches and photovoltaic die use IXYS
Integrated Circuits Division’s patented OptoMOS
architecture while the inputs' highly efficient GaAIAs
infrared LEDs control the outputs. The IAA110P
allows telecom circuit designers to combine
three discrete functions in a single component
that occupies less space than traditional discrete
component solutions.
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1305490
• EN/IEC 60950-1 Certified Component:
TUV Certificate: B 09 07 49410 006
• 3750V
rms Input/Output Isolation
• Three Functions in One Package
• Bidirectional Current Sensing
• Bidirectional Current Switching
• FCC Compatible
• No EMI/RFI Generation
• Small 16-Pin SOIC Package (PCMCIA Compatible)
• Machine Insertable, Wave Solderable
• Tape & Reel Version Available
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Switching Characteristics
of Normally Open Devices
Parameter
Rating
Units
Blocking Voltage
350
V
P
Load Current
100
mA
rms / mADC
On-Resistance (max)
35
1. (N/C)
2. + LED - Form A Relay #1
3. – LED - Form A Relay #1
4. + LED - Form A Relay #2
5. – LED - Form A Relay #2
6. Emitter - Phototransistor
7. Collector - Phototransistor
8. (N/C)
9. LED - Phototransistor +/–
10. LED - Phototransistor –/+
11. Output - Form A Relay #2
12. Common Source Relay #2
13. Output - Form A Relay #2
14. Output - Form A Relay #1
15. Common Source Relay #1
16. Output - Form A Relay #1
(N/C)
(N/C)
(Form A)
(Form A)
1
2
3
4
16
15
14
13
5
6
7
8
12
11
10
9
Part #
Description
IAA110P
16-Pin SOIC (50/Tube)
IAA110PTR
16-Pin SOIC (1000/Reel)


Similar Part No. - IAA110P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IAA110P CLARE-IAA110P Datasheet
402Kb / 6P
Integrated Telecom Circuits
IAA110P CLARE-IAA110P Datasheet
215Kb / 5P
Integrated Telecom Circuits
IAA110PTR CLARE-IAA110PTR Datasheet
402Kb / 6P
Integrated Telecom Circuits
IAA110PTR CLARE-IAA110PTR Datasheet
215Kb / 5P
Integrated Telecom Circuits
IAA110P CLARE-IAA110P_1 Datasheet
215Kb / 5P
Integrated Telecom Circuits
More results

Similar Description - IAA110P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IAB110P CLARE-IAB110P Datasheet
405Kb / 7P
Integrated Telecom Circuits
IAD110P CLARE-IAD110P Datasheet
399Kb / 6P
Integrated Telecom Circuits
IAD112N CLARE-IAD112N Datasheet
375Kb / 4P
Integrated Telecom Circuits
ITC117P CLARE-ITC117P Datasheet
421Kb / 8P
Integrated Telecom Circuits
ITC135P CLARE-ITC135P Datasheet
415Kb / 8P
Integrated Telecom Circuits
ITC137P CLARE-ITC137P Datasheet
450Kb / 8P
Integrated Telecom Circuits
IAA110P CLARE-IAA110P_1 Datasheet
215Kb / 5P
Integrated Telecom Circuits
logo
IXYS Corporation
IBB110P IXYS-IBB110P_12 Datasheet
123Kb / 7P
Integrated Telecom Circuits
ITC117PL IXYS-ITC117PL Datasheet
134Kb / 8P
Integrated Telecom Circuits
ITC137P IXYS-ITC137P_12 Datasheet
142Kb / 8P
Integrated Telecom Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com