Electronic Components Datasheet Search
  English  ▼

X  

GP20DL Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # GP20DL
Description  Low VF Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GP20DL Datasheet(HTML) 1 Page - Zowie Technology Corporation

  GP20DL Datasheet HTML 1Page - Zowie Technology Corporation GP20DL Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(200V~1000V / 2.0A)
GP20DL THRU GP20ML
Low VF Rectifier Diode
Low VF Rectifier Diode
* GPRC (Glass passivated rectifier chip) inside
* Glass passivated cavity-free junction
* Compliance to RoHS product
* Low forward voltage drop
* 2.0 Ampere operation at TA=55
o
C with no thermal runaway
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* General purpose rectification
* Surge absorption
APPLICATION
Bulk :
* 500 pieces box
* 50 boxes per (465x215x265mm) carton
Reel :
* 4,000 pieces per reel
* 4 reels per (340x340x330mm) carton
PACKING
Case : DO-204AC molded plastic
Terminals : Tin Plated, solderable per MIL-STD-750, Method 2026.
Polarity : Color band denotes cathode end
Weight : 0.4 gram
MECHANICAL DATA
2009/06
REV. 1
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
GP20DL
200
GP20GL
400
GP20JL
600
GP20KL
800
GP20ML
1000
V
IF(AV)
IFSM
A
Tj
TSTG
100
-65 to +175
-65 to +175
ITEM
Average forward current
Symbol
Unit
Peak forward surge current (8.3ms single half sine-wave)
Operating junction temperature Range
Rating
2.0
Repetitive peak reverse voltage
Storage temperature Range
oC
Electrical characteristics (Ta = 25
o
C)
ITEM
Symbol
Conditions
Min.
Typ.
Max.
Unit
VF
IF = 2.0A
V
-
0.87
0.90
Forward voltage
-
35
-
Rth(JA)
Junction to ambient *
Thermal resistance
oC/W
-
15
-
Rth(JL)
Junction to lead *
pF
-
25
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
0.08
5
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
* Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead lengths, P.C.B. mounted.
Unit : mm
Case : DO-204AC
OUTLINE DIMENSIONS
JEDEC : DO-15
DO-204AC
3.1 ± 0.5
0.78 ± 0.08
DIA.
DIA.
MARKING
Cathode mark
Zowie logo
Voltage class
Low VF
GP
20DL
Standard Series code
Amps class
Voltage class : D = 200V, G = 400V, J = 600V
K = 800V, M = 1000V
GP20DL
GP20GL
GP20JL
-
0.90
0.92
GP20KL
GP20ML
Type
IFSM = 100Amp
VF < 0.90V @IF = 2A


Similar Part No. - GP20DL

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP20DLH ZOWIE-GP20DLH Datasheet
61Kb / 2P
Low VF Rectifier Diode
More results

Similar Description - GP20DL

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BGC20DLH ZOWIE-BGC20DLH Datasheet
48Kb / 2P
Low VF Rectifier Diode
BGC30DLH ZOWIE-BGC30DLH Datasheet
49Kb / 2P
Low VF Rectifier Diode
GC10DLH ZOWIE-GC10DLH Datasheet
48Kb / 2P
Low VF Rectifier Diode
GC20DLH ZOWIE-GC20DLH Datasheet
48Kb / 2P
Low VF Rectifier Diode
BGC20DLH ZOWIE-BGC20DLH_11 Datasheet
77Kb / 2P
Low VF Rectifier Diode
BGC30DH ZOWIE-BGC30DH Datasheet
64Kb / 2P
Low VF Rectifier Diode
BGC30DLH ZOWIE-BGC30DLH_10 Datasheet
65Kb / 2P
Low VF Rectifier Diode
G110DL ZOWIE-G110DL Datasheet
60Kb / 2P
Low VF Rectifier Diode
GP20DLH ZOWIE-GP20DLH Datasheet
61Kb / 2P
Low VF Rectifier Diode
GP30DLH ZOWIE-GP30DLH Datasheet
356Kb / 2P
Low VF Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com