Electronic Components Datasheet Search
  English  ▼

X  

ADR421BR Datasheet(PDF) 13 Page - Analog Devices

Part # ADR421BR
Description  Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421BR Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR421BR Datasheet HTML 8Page - Analog Devices ADR421BR Datasheet HTML 9Page - Analog Devices ADR421BR Datasheet HTML 10Page - Analog Devices ADR421BR Datasheet HTML 11Page - Analog Devices ADR421BR Datasheet HTML 12Page - Analog Devices ADR421BR Datasheet HTML 13Page - Analog Devices ADR421BR Datasheet HTML 14Page - Analog Devices ADR421BR Datasheet HTML 15Page - Analog Devices ADR421BR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. B
ADR420/ADR421/ADR423/ADR425
–13–
Reference for Converters in Optical Network Control Circuits
In the upcoming high-capacity, all-optical router network, Figure 4
employs arrays of micromirrors to direct and route optical
signals from fiber to fiber, without first converting them to
electrical form, which reduces the communication speed. The tiny
micromechanical mirrors are positioned so that each is illuminated
by a single wavelength that carries unique information and can be
passed to any desired input and output fiber. The mirrors are tilted
by the dual-axis actuators controlled by precision ADCs and
DACs within the system. Due to the microscopic movement of
the mirrors, not only is the precision of the converters important,
but the noise associated with these controlling converters is also
extremely critical, because total noise within the system can
be multiplied by the numbers of converters employed. As a result,
the ADR42x is necessary for this application for its exceptional
low noise to maintain the stability of the control loop.
CONTROL
ELECTRONICS
PREAMP
AMPL
AMPL
ADR421
ADR421
ADR421
DAC
DAC
ADC
DSP
MEMS MIRROR
ACTIVATOR
RIGHT
ACTIVATOR
LEFT
GIMBAL + SENSOR
SOURCE FIBER
LASER BEAM
DESTINATION
FIBER
Figure 4. All-Optical Router Network
A Negative Precision Reference without Precision Resistors
In many current-output CMOS DAC applications, where the
output signal voltage must be of the same polarity as the reference
voltage, it is often required to reconfigure a current-switching
DAC into a voltage-switching DAC through the use of a 1.25 V
reference, an op amp, and a pair of resistors. Using a current-
switching DAC directly requires the need for an additional
operational amplifier at the output to reinvert the signal. A
negative voltage reference is then desirable from the point that
an additional operational amplifier is not required for either
reinversion (current-switching mode) or amplification (voltage-
switching mode) of the DAC output voltage. In general, any
positive voltage reference can be converted into a negative voltage
reference through the use of an operational amplifier and a pair of
matched resistors in an inverting configuration. The disadvantage
to that approach is that the largest single source of error in the
circuit is the relative matching of the resistors used.
A negative reference can easily be generated by adding a precision
op amp and configuring as in Figure 5. VOUT is at virtual ground
and, therefore, the negative reference can be taken directly from
the output of the op amp. The op amp must be dual supply, low
offset, and have rail-to-rail capability if negative supply voltage
is close to the reference output.
+VDD
–VDD
–VREF
VOUT
VIN
GND
ADR42x
A1 = OP777, OP193
A1
4
6
2
Figure 5. Negative Reference
High-Voltage Floating Current Source
The circuit of Figure 6 can be used to generate a floating current
source with minimal self-heating. This particular configuration
can operate on high supply voltages determined by the breakdown
voltage of the N-channel JFET.
VIN
GND
+VS
ADR42x
RL
2.10k
–VS
2N3904
VOUT
SST111
VISHAY
OP90
Figure 6. High-Voltage Floating Current Source
Kelvin Connections
In many portable instrumentation applications, where PC board
cost and area go hand-in-hand, circuit interconnects are very
often of dimensionally minimum width. These narrow lines can
cause large voltage drops if the voltage reference is required to
provide load currents to various functions. In fact, a circuit’s
interconnects can exhibit a typical line resistance of 0.45 m
Ω/
square (1 oz. Cu, for example). Force and sense connections,
also referred to as Kelvin connections, offer a convenient method
of eliminating the effects of voltage drops in circuit wires. Load
currents flowing through wiring resistance produce an error
(VERROR = R
× I
L ) at the load. However, the Kelvin connection
of Figure 7 overcomes the problem by including the wiring
resistance within the forcing loop of the op amp. Since the op
amp senses the load voltage, op amp loop control forces the
output to compensate for the wiring error and to produce the
correct voltage at the load.
VIN
GND
RLW
ADR42x
VOUT
FORCE
A1
VIN
VOUT
RLW
RL
VOUT
SENSE
A1 = OP191
2
6
4
Figure 7. Advantage of Kelvin Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com